Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74HCT4052A Datasheet (PDF) - ON Semiconductor

MC74HCT4052A Datasheet PDF - ON Semiconductor
Part # MC74HCT4052A
Download  MC74HCT4052A Download

File Size   262.9 Kbytes
Page   18 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Analog Multiplexers / Demultiplexers with LSTTL Compatible Inputs

MC74HCT4052A Datasheet (PDF)

Go To PDF Page Download Datasheet
MC74HCT4052A Datasheet PDF - ON Semiconductor

Part # MC74HCT4052A
Download  MC74HCT4052A Click to download

File Size   262.9 Kbytes
Page   18 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Analog Multiplexers / Demultiplexers with LSTTL Compatible Inputs

MC74HCT4052A Datasheet (HTML) - ON Semiconductor

Back Button MC74HCT4052A Datasheet HTML 1Page - ON Semiconductor MC74HCT4052A Datasheet HTML 2Page - ON Semiconductor MC74HCT4052A Datasheet HTML 3Page - ON Semiconductor MC74HCT4052A Datasheet HTML 4Page - ON Semiconductor MC74HCT4052A Datasheet HTML 5Page - ON Semiconductor MC74HCT4052A Datasheet HTML 6Page - ON Semiconductor MC74HCT4052A Datasheet HTML 7Page - ON Semiconductor MC74HCT4052A Datasheet HTML 8Page - ON Semiconductor MC74HCT4052A Datasheet HTML 9Page - ON Semiconductor MC74HCT4052A Datasheet HTML 10Page - ON Semiconductor Next Button 

MC74HCT4052A Product details

High−Performance Silicon−Gate CMOS



The MC74HCT4051A, MC74HCT4052A and MC74HCT4053A utilize silicon−gate CMOS technology to achieve fast propagation delays, low ON resistances, and low OFF leakage currents. These

analog multiplexers/demultiplexers control analog voltages that may vary across the complete power supply range (from VCCto VEE). The HCT4051A, HCT4052A and HCT4053A are identical in

pinout to the metal−gate MC14051AB, MC14052AB and MC14053AB. The Channel−Select inputs determine which one of the Analog Inputs/Outputs is to be connected, by means of an analog

switch, to the Common Output/Input. When the Enable pin is HIGH, all analog switches are turned off.

The Channel−Select and Enable inputs are compatible with standard CMOS and LSTTL outputs.

These devices have been designed so that the ON resistance (Ron) is more linear over input voltage than Ronof metal−gate CMOS analog switches.

For a multiplexer/demultiplexer with injection current protection, see HC4851A and HCT4851A.



Features

•Fast Switching and Propagation Speeds

•Low Crosstalk Between Switches

•Diode Protection on All Inputs/Outputs

•Analog Power Supply Range (VCC −VEE) = 2.0 to 12.0 V

•Digital (Control) Power Supply Range (VCC −GND) = 2.0 to 6.0 V

•Improved Linearity and Lower ON Resistance Than Metal−Gate Counterparts

•Low Noise

•In Compliance with the Requirements of JEDEC Standard No. 7A

•Chip Complexity: HCT4051A −184 FETs or 46 Equivalent Gates

  HCT4052A −168 FETs or 42 Equivalent Gates

  HCT4053A −156 FETs or 39 Equivalent Gates

•These are Pb−Free Devices




Similar Part No. - MC74HCT4052A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HCT4052A ONSEMI-MC74HCT4052A Datasheet
207Kb / 16P
   Analog Multiplexers / Demultiplexers
June, 2011 ??Rev. 2
MC74HCT4052ADG ONSEMI-MC74HCT4052ADG Datasheet
207Kb / 16P
   Analog Multiplexers / Demultiplexers
June, 2011 ??Rev. 2
MC74HCT4052ADR2G ONSEMI-MC74HCT4052ADR2G Datasheet
207Kb / 16P
   Analog Multiplexers / Demultiplexers
June, 2011 ??Rev. 2
MC74HCT4052ADTG ONSEMI-MC74HCT4052ADTG Datasheet
207Kb / 16P
   Analog Multiplexers / Demultiplexers
June, 2011 ??Rev. 2
MC74HCT4052ADWG ONSEMI-MC74HCT4052ADWG Datasheet
207Kb / 16P
   Analog Multiplexers / Demultiplexers
June, 2011 ??Rev. 2
More results


Similar Description - MC74HCT4052A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLVHCT4851ADTR2G ONSEMI-NLVHCT4851ADTR2G Datasheet
166Kb / 14P
   Analog Multiplexers/ Demultiplexers with Injection Current Effect Control with LSTTL Compatible Inputs
April, 2013 ??Rev. 6
MC74HCT4851A ONSEMI-MC74HCT4851A Datasheet
205Kb / 13P
   Analog Multiplexers/ Demultiplexers with Injection Current Effect Control with LSTTL Compatible Inputs
November, 2009 ??Rev. 1
MC74HCT4851ADTG ONSEMI-MC74HCT4851ADTG Datasheet
166Kb / 14P
   Analog Multiplexers/ Demultiplexers with
April, 2013 ??Rev. 6
MC14067B ONSEMI-MC14067B_11 Datasheet
134Kb / 9P
   Analog Multiplexers/Demultiplexers
June, 2011 ??Rev. 7
MC74VHC4051 ONSEMI-MC74VHC4051_14 Datasheet
159Kb / 16P
   Analog Multiplexers / Demultiplexers
September, 2014 ??Rev. 7
MC14067B ONSEMI-MC14067B_05 Datasheet
124Kb / 10P
   Analog Multiplexers / Demultiplexers
February, 2005 ??Rev. 5
MC74HC4051A ONSEMI-MC74HC4051A Datasheet
400Kb / 16P
   Analog Multiplexers/Demultiplexers
March, 2000 ??Rev. 1
MC74HCT4051A ONSEMI-MC74HCT4051A_11 Datasheet
207Kb / 16P
   Analog Multiplexers / Demultiplexers
June, 2011 ??Rev. 2
MC74HCT4851A ONSEMI-MC74HCT4851A_16 Datasheet
139Kb / 14P
   Analog Multiplexers/ Demultiplexers
August, 2016 ??Rev. 8
MC74HC4051A ONSEMI-MC74HC4051A_16 Datasheet
180Kb / 17P
   Analog Multiplexers/ Demultiplexers
March, 2016 ??Rev. 8
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com