Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74LCX14 Datasheet (PDF) - ON Semiconductor

MC74LCX14 Datasheet PDF - ON Semiconductor
Part # MC74LCX14
Download  MC74LCX14 Download

File Size   90.95 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Low Voltage CMOS Hex Schmitt Inverter With 5 V-Tolerant Inputs

MC74LCX14 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC74LCX14 Datasheet PDF - ON Semiconductor

Part # MC74LCX14
Download  MC74LCX14 Click to download

File Size   90.95 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Low Voltage CMOS Hex Schmitt Inverter With 5 V-Tolerant Inputs

MC74LCX14 Datasheet (HTML) - ON Semiconductor

MC74LCX14 Datasheet HTML 1Page - ON Semiconductor MC74LCX14 Datasheet HTML 2Page - ON Semiconductor MC74LCX14 Datasheet HTML 3Page - ON Semiconductor MC74LCX14 Datasheet HTML 4Page - ON Semiconductor MC74LCX14 Datasheet HTML 5Page - ON Semiconductor MC74LCX14 Datasheet HTML 6Page - ON Semiconductor MC74LCX14 Datasheet HTML 7Page - ON Semiconductor MC74LCX14 Datasheet HTML 8Page - ON Semiconductor

MC74LCX14 Product details

The MC74LCX14 is a high performance hex inverter with Schmitt−Trigger inputs operating from a 2.3 to 3.6 V supply. High impedance TTL compatible inputs significantly reduce current loading to input drivers, while TTL compatible outputs offer improved switching noise performance. A VI specification of 5.5 V allows MC74LCX14 inputs to be safely driven from 5.0 V devices.
Pin configuration and function are the same as the MC74LCX04, but the inputs have hysteresis and, with its Schmitt trigger function, the LCX14 can be used as a line receiver which will receive slow input signals.
   
Features
• Designed for 2.3 V to 3.6 V VCC Operation
• 5.0 V Tolerant Inputs − Interface Capability with 5.0 V TTL Logic
• LVTTL Compatible
• LVCMOS Compatible
• 24 mA Balanced Output Sink and Source Capability
• Near Zero Static Supply Current (10 μA) Substantially Reduces System Power Requirements
• Latchup Performance Exceeds 500 mA
• Current Drive Capability is 24 mA at Source/Sink
• Pin and Function Compatible with Other Standard Logic Families
• ESD Performance: Human Body Model >2000 V Machine Model >100 V
• Chip Complexity: 41 Equivalent Gates
• Pb−Free Packages are Available*
   




Similar Part No. - MC74LCX14

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74LCX14 ONSEMI-MC74LCX14 Datasheet
168Kb / 8P
   Low Voltage CMOS Hex Schmitt Inverter
October, 2012 ??Rev. 8
MC74LCX14DG ONSEMI-MC74LCX14DG Datasheet
168Kb / 8P
   Low Voltage CMOS Hex Schmitt Inverter
October, 2012 ??Rev. 8
MC74LCX14DR2G ONSEMI-MC74LCX14DR2G Datasheet
168Kb / 8P
   Low Voltage CMOS Hex Schmitt Inverter
October, 2012 ??Rev. 8
MC74LCX14DTG ONSEMI-MC74LCX14DTG Datasheet
168Kb / 8P
   Low Voltage CMOS Hex Schmitt Inverter
October, 2012 ??Rev. 8
MC74LCX14DTR2G ONSEMI-MC74LCX14DTR2G Datasheet
168Kb / 8P
   Low Voltage CMOS Hex Schmitt Inverter
October, 2012 ??Rev. 8
More results


Similar Description - MC74LCX14

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74LVX14 STMICROELECTRONICS-74LVX14 Datasheet
160Kb / 11P
   LOW VOLTAGE CMOS HEX SCHMITT INVERTER WITH 5V TOLERANT INPUTS
74LCX14 STMICROELECTRONICS-74LCX14_06 Datasheet
243Kb / 15P
   Low voltage CMOS HEX SCHMITT inverter with 5V tolerant inputs
74LCX14 STMICROELECTRONICS-74LCX14 Datasheet
113Kb / 8P
   LOW VOLTAGE CMOS HEX SCHMITT INVERTER WITH 5V TOLERANT INPUTS
logo
Toshiba Semiconductor
TC74LCX14F TOSHIBA-TC74LCX14F_12 Datasheet
218Kb / 10P
   Low-Voltage Hex Schmitt Inverter with 5-V Tolerant Inputs and Outputs
TC74LCX14F TOSHIBA-TC74LCX14F_07 Datasheet
272Kb / 10P
   Low-Voltage Hex Schmitt Inverter with 5-V Tolerant Inputs and Outputs
logo
ON Semiconductor
74LCX14 ONSEMI-74LCX14 Datasheet
756Kb / 14P
   Low Voltage Hex Inverter with 5V Tolerant Schmitt Trigger Inputs
December 2013 Rev. 1.7.1
MC74LVX04-D ONSEMI-MC74LVX04-D Datasheet
129Kb / 7P
   Hex Inverter With 5 V-Tolerant Inputs
May, 2011 ??Rev. 6
logo
Fairchild Semiconductor
74LCX14MX FAIRCHILD-74LCX14MX Datasheet
777Kb / 13P
   Low Voltage Hex Inverter with 5V Tolerant Schmitt Trigger Inputs
logo
Toshiba Semiconductor
TC74VCX14FT TOSHIBA-TC74VCX14FT_07 Datasheet
250Kb / 11P
   Low-Voltage Hex Schmitt Inverter with 3.6-V Tolerant Inputs and Outputs
logo
Fairchild Semiconductor
74LCX14 FAIRCHILD-74LCX14_08 Datasheet
766Kb / 13P
   Low Voltage Hex Inverter with 5V Tolerant Schmitt Trigger Inputs
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com