Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74VHCT86ADT Datasheet (PDF) - ON Semiconductor

MC74VHCT86ADT Datasheet PDF - ON Semiconductor
Part # MC74VHCT86ADT
Download  MC74VHCT86ADT Download

File Size   170.58 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Quad 2?묲nput XOR Gate / CMOS Logic Level Shifter with LSTTL?묬ompatible Inputs

MC74VHCT86ADT Datasheet (PDF)

Go To PDF Page Download Datasheet
MC74VHCT86ADT Datasheet PDF - ON Semiconductor

Part # MC74VHCT86ADT
Download  MC74VHCT86ADT Click to download

File Size   170.58 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Quad 2?묲nput XOR Gate / CMOS Logic Level Shifter with LSTTL?묬ompatible Inputs

MC74VHCT86ADT Datasheet (HTML) - ON Semiconductor

MC74VHCT86ADT Datasheet HTML 1Page - ON Semiconductor MC74VHCT86ADT Datasheet HTML 2Page - ON Semiconductor MC74VHCT86ADT Datasheet HTML 3Page - ON Semiconductor MC74VHCT86ADT Datasheet HTML 4Page - ON Semiconductor MC74VHCT86ADT Datasheet HTML 5Page - ON Semiconductor MC74VHCT86ADT Datasheet HTML 6Page - ON Semiconductor MC74VHCT86ADT Datasheet HTML 7Page - ON Semiconductor MC74VHCT86ADT Datasheet HTML 8Page - ON Semiconductor

MC74VHCT86ADT Product details

Quad 2−Input XOR Gate / CMOS Logic Level Shifter
with LSTTL–Compatible Inputs

The MC74VHCT86A is an advanced high speed CMOS 2–input Exclusive–OR gate fabricated with silicon gate CMOS technology. It achieves high speed operation similar to equivalent Bipolar Schottky TTL while maintaining CMOS low power dissipation.
The internal circuit is composed of three stages, including a buffer output which provides high noise immunity and stable output.
The device input is compatible with TTL–type input thresholds and the output has a full 5V CMOS level output swing. The input protection circuitry on this device allows overvoltage tolerance on the input, allowing the device to be used as a logic–level translator from 3.0V CMOS logic to 5.0V CMOS Logic or from 1.8V CMOS logic to 3.0V CMOS Logic while operating at the high–voltage power supply.
The MC74VHCT86A input structure provides protection when voltages up to 7V are applied, regardless of the supply voltage. This allows it to be used to interface 5V circuits to 3V circuits. The output structures also provide protection when VCC = 0V. These input and output structures help prevent device destruction caused by supply voltage – input/output voltage mismatch, battery backup, hot insertion, etc.

• High Speed: tPD = 4.8ns (Typ) at VCC = 5V
• Low Power Dissipation: ICC = 2µA (Max) at TA = 25°C
• TTL–Compatible Inputs: VIL = 0.8V; VIH = 2.0V
• Power Down Protection Provided on Inputs and Outputs
• Balanced Propagation Delays
• Designed for 2V to 5.5V Operating Range
• Low Noise: VOLP = 0.8V (Max)
• Pin and Function Compatible with Other Standard Logic Families
• Latchup Performance Exceeds 300mA
• ESD Performance: HBM > 2000V; Machine Model > 200V




Similar Part No. - MC74VHCT86ADT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHCT86ADTR2G ONSEMI-MC74VHCT86ADTR2G Datasheet
87Kb / 6P
   Quad 2-Input XOR Gate / CMOS Logic Level Shifter
November, 2014 ??Rev. 3
More results


Similar Description - MC74VHCT86ADT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHC1GT86 ONSEMI-MC74VHC1GT86_07 Datasheet
80Kb / 6P
   2?묲nput Exclusive OR Gate / CMOS Logic Level Shifter with LSTTL?묬ompatible Inputs
February, 2007 ??Rev. 15
MC74VHC1GT02 ONSEMI-MC74VHC1GT02_07 Datasheet
73Kb / 6P
   Single 2?묲nput NOR Gate/CMOS Logic Level Shifter LSTTL?묬ompatible Inputs
February, 2007 ??Rev. 11
MC74VHC1GT00 ONSEMI-MC74VHC1GT00_07 Datasheet
73Kb / 6P
   Single 2?묲nput NAND Gate/CMOS Logic Level Shifter LSTTL?묬ompatible Inputs
February, 2007 ??Rev. 11
74HCT32 ONSEMI-74HCT32 Datasheet
128Kb / 8P
   Quad 2?묲nput OR Gate with LSTTL?묬ompatible Inputs
March, 2007 ??Rev. 0
MC74VHCT50A ONSEMI-MC74VHCT50A_V01 Datasheet
245Kb / 8P
   Noninverting Buffer / CMOS Logic Level Shifter with LSTTL?묬ompatible Inputs
March, 2014 ??Rev. 9
MC74VHC1GT126 ONSEMI-MC74VHC1GT126_07 Datasheet
87Kb / 6P
   Noninverting Buffer / CMOS Logic Level Shifter with LSTTL?묬ompatible Inputs
February, 2007 ??Rev. 13
MC74VHCT50A ONSEMI-MC74VHCT50A_07 Datasheet
92Kb / 7P
   Noninverting Buffer / CMOS Logic Level Shifter with LSTTL?묬ompatible Inputs
January, 2007??Rev. 6
MC74VHC1GT125 ONSEMI-MC74VHC1GT125_07 Datasheet
89Kb / 6P
   Noninverting Buffer / CMOS Logic Level Shifter with LSTTL?묬ompatible Inputs
February, 2007 ??Rev. 12
MC74VHC1GT14 ONSEMI-MC74VHC1GT14_07 Datasheet
79Kb / 6P
   Schmitt?뭈rigger Inverter / CMOS Logic Level Shifter LSTTL?묬ompatible Inputs
February, 2007 ??Rev. 12
MC74VHCT86A ONSEMI-MC74VHCT86A_14 Datasheet
87Kb / 6P
   Quad 2-Input XOR Gate / CMOS Logic Level Shifter
November, 2014 ??Rev. 3
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com