Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N4005E Datasheet (PDF) - Gulf Semiconductor

1N4005E Datasheet PDF - Gulf Semiconductor
Part # 1N4005E
Download  1N4005E Download

File Size   86.08 Kbytes
Page   2 Pages
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor
Description GENERAL PURPOSE PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 1.0A

1N4005E Datasheet (PDF)

Go To PDF Page Download Datasheet
1N4005E Datasheet PDF - Gulf Semiconductor

Part # 1N4005E
Download  1N4005E Click to download

File Size   86.08 Kbytes
Page   2 Pages
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor
Description GENERAL PURPOSE PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 1.0A

1N4005E Datasheet (HTML) - Gulf Semiconductor

1N4005E Datasheet HTML 1Page - Gulf Semiconductor 1N4005E Datasheet HTML 2Page - Gulf Semiconductor

1N4005E Product details

VOLTAGE:50 TO 1000V CURRENT: 1.0A
   
FEATURE
    Molded case feature for auto insertion
    High current capability
    Low leakage current
    High surge capability
    High temperature soldering guaranteed
    250°C/10sec/0.375”lead length at 5 lbs tension
   




Similar Part No. - 1N4005E

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
1N4005E ZOWIE-1N4005E Datasheet
45Kb / 2P
   SILICON RECTIFIER
More results


Similar Description - 1N4005E

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
RL101 GULFSEMI-RL101 Datasheet
745Kb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 1.0A
1N4001 GULFSEMI-1N4001 Datasheet
102Kb / 3P
   GENERAL PURPOSE PLASTIC RECTIFIER VOLTAGE: 50 TO 1000V CURRENT: 1.0A
1N4007-E GULFSEMI-1N4007-E Datasheet
82Kb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIER VOLTAGE: 1000V CURRENT: 1.0A
P600A GULFSEMI-P600A Datasheet
180Kb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 6.0A
RL201 GULFSEMI-RL201 Datasheet
609Kb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT; 2.0A
1N5391 GULFSEMI-1N5391 Datasheet
93Kb / 3P
   GENERAL PURPOSE PLASTIC RECTIFIER VOLTAGE: 50 to 1000V CURRENT: 1.5A
logo
Leshan Radio Company
1A7 LRC-1A7_12 Datasheet
189Kb / 7P
   General Purpose Plastic Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
logo
Gulf Semiconductor
RL151 GULFSEMI-RL151 Datasheet
678Kb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 1.5A
1N5400 GULFSEMI-1N5400 Datasheet
163Kb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT:3.0A
1N4942 GULFSEMI-1N4942 Datasheet
136Kb / 2P
   FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 1.0A
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com