Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

20100011 Datasheet (PDF) - Schurter Inc.

20100011 Datasheet PDF - Schurter Inc.
Part # 20100011
Download  20100011 Download

File Size   285.31 Kbytes
Page   2 Pages
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.
Description Miniature Fuse, 5 x 20 mm, Time-Lag T, Telecom, L, 250 VAC

20100011 Datasheet (PDF)

Go To PDF Page Download Datasheet
20100011 Datasheet PDF - Schurter Inc.

Part # 20100011
Download  20100011 Click to download

File Size   285.31 Kbytes
Page   2 Pages
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.
Description Miniature Fuse, 5 x 20 mm, Time-Lag T, Telecom, L, 250 VAC

20100011 Datasheet (HTML) - Schurter Inc.

20100011 Datasheet HTML 1Page - Schurter Inc. 20100011 Datasheet HTML 2Page - Schurter Inc.



Similar Part No. - 20100011

ManufacturerPart #DatasheetDescription
logo
HARTING Technology Grou...
20100013211 HARTING-20100013211 Datasheet
445Kb / 2P
   R15 male F.O. 1mm POF (DD) Contacts
20100013212 HARTING-20100013212 Datasheet
445Kb / 2P
   R15 male F.O. 1mm POF (U, D) Contacts
20100013221 HARTING-20100013221 Datasheet
444Kb / 2P
   R15 female F.O. 1mm POF (DD) Contacts
20100013222 HARTING-20100013222 Datasheet
442Kb / 1P
   R15 female F.O. 1mm POF (U, D0 Contacts
20100013321 HARTING-20100013321 Datasheet
452Kb / 2P
   Kontaktbuchse LWL-1mm Han E
More results


Similar Description - 20100011

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
FSU5X20 SCHURTER-FSU5X20 Datasheet
207Kb / 3P
   Miniature Fuse, 5 x 20 mm, Time-Lag T, Telecom, L, 250 VAC
FSU5X20 SCHURTER-FSU5X20_V01 Datasheet
217Kb / 3P
   Miniature Fuse, 5 x 20 mm, Time-Lag T, Telecom, L, 250 VAC
17.10.2018
00343101 SCHURTER-00343101 Datasheet
362Kb / 3P
   Miniature Fuse, 5 x 20 mm, Time-Lag T, L, 250 VAC
FST5X20 SCHURTER-FST5X20 Datasheet
333Kb / 4P
   Miniature Fuse, 5 x 20 mm, Time-Lag T, L, 250 VAC
FST5X20 SCHURTER-FST5X20_V02 Datasheet
349Kb / 4P
   Miniature Fuse, 5 x 20 mm, Time-Lag T, L, 250 VAC
04.01.2022
FST5X20 SCHURTER-FST5X20_V01 Datasheet
349Kb / 4P
   Miniature Fuse, 5 x 20 mm, Time-Lag T, L, 250 VAC
29.09.2021
20200001 SCHURTER-20200001 Datasheet
306Kb / 2P
   Miniature Fuse, 5 x 20 mm, Time-Lag T, Telecom, H, 250 VAC
00343761 SCHURTER-00343761 Datasheet
259Kb / 2P
   Miniature Fuse, 5 x 20 mm, Time-Lag T, cULus, 250 VAC
FSL5X20 SCHURTER-FSL5X20 Datasheet
181Kb / 3P
   Miniature Fuse, 5 x 20 mm, Time-Lag T, cULus, 250 VAC
FSL5X20 SCHURTER-FSL5X20_V01 Datasheet
254Kb / 3P
   Miniature Fuse, 5 x 20 mm, Time-Lag T, cULus, 250 VAC
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com