Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC12095 Datasheet (PDF) - Motorola, Inc

MC12095 Datasheet PDF - Motorola, Inc
Part # MC12095
Download  MC12095 Download

File Size   250.48 Kbytes
Page   5 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 2.5 GHz Low Power Prescaler With Stand-By Mode

MC12095 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC12095 Datasheet PDF - Motorola, Inc

Part # MC12095
Download  MC12095 Click to download

File Size   250.48 Kbytes
Page   5 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 2.5 GHz Low Power Prescaler With Stand-By Mode

MC12095 Datasheet (HTML) - Motorola, Inc

MC12095 Datasheet HTML 1Page - Motorola, Inc MC12095 Datasheet HTML 2Page - Motorola, Inc MC12095 Datasheet HTML 3Page - Motorola, Inc MC12095 Datasheet HTML 4Page - Motorola, Inc MC12095 Datasheet HTML 5Page - Motorola, Inc

MC12095 Product details

MECL PLL COMPONENTS ÷2, ÷4 LOW POWER PRESCALER WITH STAND–BY MODE



The MC12095 is a single modulus prescaler for low power frequency division of a 2.5 GHz high frequency input signal. Motorola’s advanced MOSAIC™ V technology is utilized to acheive low power dissipation of 24 mW at a minimum supply voltage of 2.7 V.



•2.5 GHz Toggle Frequency

•Supply Voltage 2.7 V to 5.5 Vdc

•Low Power 8.7 mA Typical

•Operating Temperature –40 to 85°C

•Divide by 2 or 4 Selected by the SW Pin




Similar Part No. - MC12095

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC12095 ONSEMI-MC12095 Datasheet
43Kb / 8P
   2.5 GHz Low Power Prescaler With Stand-By Mode
November, 2001 ??Rev. 5
MC12095 ONSEMI-MC12095 Datasheet
133Kb / 8P
   2.5 GHz Low Power Prescaler With Stand?묪y Mode
January, 2006 ??Rev. 6
MC12095D ONSEMI-MC12095D Datasheet
43Kb / 8P
   2.5 GHz Low Power Prescaler With Stand-By Mode
November, 2001 ??Rev. 5
MC12095D ONSEMI-MC12095D Datasheet
133Kb / 8P
   2.5 GHz Low Power Prescaler With Stand?묪y Mode
January, 2006 ??Rev. 6
MC12095DG ONSEMI-MC12095DG Datasheet
133Kb / 8P
   2.5 GHz Low Power Prescaler With Stand?묪y Mode
January, 2006 ??Rev. 6
More results


Similar Description - MC12095

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC12095 ONSEMI-MC12095 Datasheet
43Kb / 8P
   2.5 GHz Low Power Prescaler With Stand-By Mode
November, 2001 ??Rev. 5
MC12095 ONSEMI-MC12095_06 Datasheet
133Kb / 8P
   2.5 GHz Low Power Prescaler With Stand?묪y Mode
January, 2006 ??Rev. 6
logo
Motorola, Inc
MC12053A MOTOROLA-MC12053A Datasheet
252Kb / 5P
   1.1 GHz Super Low Power Dual Modulus Prescaler With Stand-By Mode
logo
ON Semiconductor
MC12093 ONSEMI-MC12093_16 Datasheet
144Kb / 5P
   1.1 GHz Low Power Prescaler with Stand?륛y Mode
August, 2016 ??Rev. 8
logo
Fujitsu Component Limit...
MB509 FUJITSU-MB509 Datasheet
104Kb / 9P
   TWO MODULUS PRESCALER WITH STAND-BY MODE
logo
Motorola, Inc
MC12093 MOTOROLA-MC12093 Datasheet
244Kb / 3P
   /2,/4,/8 1.1GHz Low Power Prescaler with Stand-By Mode
logo
ON Semiconductor
MC12093 ONSEMI-MC12093_06 Datasheet
129Kb / 5P
   /2,/4,/8 1.1 GHz Low Power Prescaler with Stand?묪y Mode
January, 2006 ??Rev. 6
logo
NEC
UPB586B NEC-UPB586B Datasheet
62Kb / 4P
   2.5 GHz DIVIDE- BY- 512/256 PRESCALER
logo
Peregrine Semiconductor...
PE83501 PEREGRINE-PE83501 Datasheet
269Kb / 7P
   3.5 GHz Low Power CMOS Divide-by-2 Prescaler
PE83502 PEREGRINE-PE83502 Datasheet
247Kb / 7P
   3.5 GHz Low Power CMOS Divide-by-4 Prescaler
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com