Datasheet Search System
Mirror site :
alldatasheet.com,
alldatasheet.co.kr
Semiconductors, integrated circuits, diodes, triacs, and other semiconductors informations
Part Name
Included
start with
end
match
Description
Shortcut :
2SC3830
(1)
2SC3831
(1)
2SC3832
(1)
2SC3833
(1)
2SC3834
(2)
2SC3835
(2)
2SC3836
(1)
2SC3837
(1)
2SC3838
(25)
2SC3839
(1)
2SC383T
(1)
2SC3838 - High-Frequency Amplifier Transistor(11V, 50mA, 3.2GHz) - Rohm
Click Here View
2SC3838
Datasheet
Part No.
2SC3838
Description
High-Frequency Amplifier Transistor(11V, 50mA, 3.2GHz)
Download
2SC3838
Click here
to View
File Size
64.04 Kbytes / 2 Pages
Maker
ROHM [Rohm]
Homepage
http://www.rohm.com/
Related Electronics Part Number
Part Number
Components Description
Manufacturer
BTC3838N3
High
Frequency
Amplifier
Transistor
11V
50mA
3.2GHz
Cystech Electonics Corp.
2SC5661
High-Frequency
Amplifier
Transistor
18V
50mA
1.5GHz
Rohm
UPA800T
HIGH-FREQUENCY
LOW
NOISE
AMPLIFIER
NPN
SILICON
EPITAXIAL
TRANSISTOR
WITH
BUILT-IN
2
ELEMENTS
MINI
MOLD
NEC
UPA802T
HIGH-FREQUENCY
LOW
NOISE
AMPLIFIER
NPN
SILICON
EPITAXIAL
TRANSISTOR
WITH
BUILT-IN
2
ELEMENTS
MINI
MOLD
NEC
L2SC3356LT1
High-Frequency
Amplifier
Transistor
Leshan Radio Company
L2SC3837DW1T1
High-Frequency
Amplifier
Transistor
Leshan Radio Company
2SC4774
High
frequency
amplifier
transistor
RF
switching
6V
50mA
Rohm
L2SC3837LT1
High-Frequency
Amplifier
Transistor
Leshan Radio Company
UPA811T
HIGH-FREQUENCY
LOW
NOISE
AMPLIFIER
NPN
SILICON
EPITAXIAL
TRANSISTOR
WITH
BUILT-IN
2
x
2SC4228
SMALL
MINI
MOLD
NEC
L2SC3838QT1
High-Frequency
Amplifier
NPN
Transistor
Leshan Radio Company
Link URL :
Related keyword
2SC3838 Datasheet
2SC3838 Cross Reference
2SC3838 Schematic
2SC3838 Distributor
2SC3838 Datenblatt
2SC3838 RoHS
2SC3838 Equivalent
2SC3838 Application Notes
2SC3838 Data Sheet
2SC3838 components
2SC3838 Fiche Technique
2SC3838 Circuit
All Rights Reserved©
Alldatasheet.net
2003 - 2008
Contact us
Privacy Policy
Bookmark
Link Exchange
Site link
Manufacturer