Datasheet Search System
Mirror site :
alldatasheet.com,
alldatasheet.co.kr
Semiconductors, integrated circuits, diodes, triacs, and other semiconductors informations
Part Name
Included
start with
end
match
Description
Shortcut :
2SD2114
(6)
2SD2115
(5)
2SD2116
(1)
2SD2117
(1)
2SD2118
(5)
2SD2118 - Low VCE(sat) Transistor(Strobe flash) - Rohm
Click Here View
2SD2118
Datasheet
Part No.
2SD2118
Description
Low VCE(sat) Transistor(Strobe flash)
Download
2SD2118
Click here
to View
File Size
159.27 Kbytes / 5 Pages
Maker
ROHM [Rohm]
Homepage
http://www.rohm.com/
Related Electronics Part Number
Part Number
Components Description
Manufacturer
CMLM7405
MULTI
DISCRETE
MODULE¢â
SURFACE
MOUNT
HIGH
CURRENT
LOW
VCE
SAT
SILICON
NPN
TRANSISTOR
AND
LOW
VF
SILICON
SCHOTTKY
DIODE
Central Semiconductor Corp
2SA1834
Low
Vce
sat
Transistor
Strobe
flash
-20V
-10A
Rohm
2SC5001
Low
Vce
sat
Transistor
Strobe
flash
20V
10A
Rohm
CMPT3410
SURFACE
MOUNT
NPN
SILICON
LOW
VCE
SAT
TRANSISTOR
Central Semiconductor Corp
CMXT7090L
SURFACE
MOUNT
LOW
VCE
SAT
PNP
POWER
TRANSISTOR
Central Semiconductor Corp
CMLM0405
MULTI
DISCRETE
MODULE¢â
SURFACE
MOUNT
LOW
VCE
SAT
SILICON
NPN
TRANSISTOR
AND
LOW
VF
SILICON
SCHOTTKY
DIODE
Central Semiconductor Corp
CMPT7410
SURFACE
MOUNT
PNP
SILICON
LOW
VCE
SAT
TRANSISTOR
Central Semiconductor Corp
CMLM0605
MULTI
DISCRETE
MODULE¢â
SURFACE
MOUNT
LOW
VCE
SAT
SILICON
PNP
TRANSISTOR
AND
LOW
VF
SILICON
SCHOTTKY
DIODE
Central Semiconductor Corp
CMLM3405
MULTI
DISCRETE
MODULE¢â
SURFACE
MOUNT
HIGH
CURRENT
LOW
VCE
SAT
SILICON
NPN
TRANSISTOR
AND
LOW
VF
SILICON
SCHOTTKY
DIODE
Central Semiconductor Corp
2SC2500
TRANSISTOR
STROBE
FLASH
MEDIUM
POWER
AMPLIFIER
APPLICATIONS
Toshiba Semiconductor
Link URL :
Related keyword
2SD2118 Datasheet
2SD2118 Cross Reference
2SD2118 Schematic
2SD2118 Distributor
2SD2118 Datenblatt
2SD2118 RoHS
2SD2118 Equivalent
2SD2118 Application Notes
2SD2118 Data Sheet
2SD2118 components
2SD2118 Fiche Technique
2SD2118 Circuit
All Rights Reserved©
Alldatasheet.net
2003 - 2008
Contact us
Privacy Policy
Bookmark
Link Exchange
Site link
Manufacturer