Datasheet Search System
Mirror site :
alldatasheet.com,
alldatasheet.co.kr
Semiconductors, integrated circuits, diodes, triacs, and other semiconductors informations
Part Name
Included
start with
end
match
Description
Shortcut :
2SD2210
(1)
2SD2211
(1)
2SD2212
(1)
2SD2213
(1)
2SD2215
(2)
2SD2216
(3)
2SD2217
(1)
2SD2218
(1)
2SD2219
(1)
2SD2211 - Power Transistor (160V , 1.5A) - Rohm
Click Here View
2SD2211
Datasheet
Part No.
2SD2211
Description
Power Transistor (160V , 1.5A)
Download
2SD2211
Click here
to View
File Size
138.4 Kbytes / 4 Pages
Maker
ROHM [Rohm]
Homepage
http://www.rohm.com/
Related Electronics Part Number
Part Number
Components Description
Manufacturer
2SC4132
Power
Transistor
120V
1.5A
Rohm
MRF186
The
RF
MOSFET
Line
RF
POWER
FIELD-EFFECT
TRANSISTOR
Channel
Enhancement-Mode
Lateral
MOSFET
Motorola, Inc
2SD2217
NPN
SILICON
EPITAXIAL
TRANSISTOR
DARLINGTON
CONNECTION
FOR
LOW-FREQUENCY
POWER
AMPLIFIERS
AND
LOW-SPEED
SWITCHING
NEC
BUL312FP
HIGH
VOLTAGE
FAST-SWITCHING
NPN
POWER
TRANSISTOR
STMicroelectronics
2SD2165
NPN
SILICON
EPITAXIAL
TRANSISTOR
DARLINGTON
CONNECTION
FOR
LOW-FREQUENCY
POWER
AMPLIFIERS
AND
LOW-SPEED
SWITCHING
NEC
HIP0060
1.5A
50V
Quad
Low
Side
Power
Driver
with
Serial
Bus
Control
and
Fault
Protection
Intersil Corporation
2SC5342M
NPN
Silicon
Transistor
Medium
power
amplifier
AUK corp
STD13003
NPN
Silicon
Power
Transistor
AUK corp
2N5886
HIGH
CURRENT
SILICON
NPN
POWER
TRANSISTOR
STMicroelectronics
2SA1011
POWER
TRANSISTORS
1.5A
160V
25W
Mospec Semiconductor
Link URL :
Related keyword
2SD2211 Datasheet
2SD2211 Cross Reference
2SD2211 Schematic
2SD2211 Distributor
2SD2211 Datenblatt
2SD2211 RoHS
2SD2211 Equivalent
2SD2211 Application Notes
2SD2211 Data Sheet
2SD2211 components
2SD2211 Fiche Technique
2SD2211 Circuit
All Rights Reserved©
Alldatasheet.net
2003 - 2008
Contact us
Privacy Policy
Bookmark
Link Exchange
Site link
Manufacturer