Datasheet Search System
Mirror site :
alldatasheet.com,
alldatasheet.co.kr
Semiconductors, integrated circuits, diodes, triacs, and other semiconductors informations
Part Name
Included
start with
end
match
Description
Shortcut :
2SD2210
(1)
2SD2211
(1)
2SD2212
(1)
2SD2213
(1)
2SD2215
(2)
2SD2216
(3)
2SD2217
(1)
2SD2218
(1)
2SD2219
(1)
2SD2212 - Medium Power Transistor(Motor, Relay drive) (60กพ10V, 2A) - Rohm
Click Here View
2SD2212
Datasheet
Part No.
2SD2212
Description
Medium Power Transistor(Motor, Relay drive) (60กพ10V, 2A)
Download
2SD2212
Click here
to View
File Size
89.73 Kbytes / 4 Pages
Maker
ROHM [Rohm]
Homepage
http://www.rohm.com/
Related Electronics Part Number
Part Number
Components Description
Manufacturer
KTD1145
EPITAXIAL
PLANAR
NPN
TRANSISTOR
RELAY
DRIVE
HAMMER
DIRVE
LAMP
DRIVE
STROBO
DC-DC
CONVERTER
MOTOR
DRIVE
KEC(Korea Electronics)
KTD2854
EPITAXIAL
PLANAR
NPN
TRANSISTOR
MICRI
MOTOR
DRIVE
HAMMER
DRIVE
SWITCHING
POWER
AMPLIFIER
KEC(Korea Electronics)
2SD2170
Medium
Power
Transistor
Motor
Relay
drive
90
2A
Rohm
2SB1020A
TRANSISTOR
HIGH
POWER
SWITCHING
HAMMER
DRIVE
PULSE
MOTOR
DRIVE
APPLICATIONS
Toshiba Semiconductor
2SB1381
TRANSISTOR
HIGH
POWER
SWITCHING
HAMMER
DRIVE
PULSE
MOTOR
DRIVE
APPLICATIONS
Toshiba Semiconductor
2SB1457
TRANSISTOR
MICRO
MOTOR
DRIVE
HAMMER
DRIVE
POWER
SWITCHING
AMPLIFIER
APPLICATIONS
Toshiba Semiconductor
2SB907
TRANSISTOR
SWITCHING
HANNER
DRIVE
PULSE
MOTOR
DRIVE
POWER
AMPLIFIER
APPLICATIONS
Toshiba Semiconductor
KTB2234
EPITAXIAL
PLANAR
PNP
TRANSISTOR
MICRO
MOTOR
DRIVE
HAMMER
DRIVE
POWER
SWITCHING
POWER
AMPLIFIER
KEC(Korea Electronics)
2SB908
TRANSISTOR
SWITCHING
HAMMER
DRIVE
PULSE
MOTOR
DRIVE
POWER
AMPLIFIER
APPLICATIONS
Toshiba Semiconductor
UN230
Transistor
array
to
drive
the
small
motor
Panasonic Semiconductor
Link URL :
Related keyword
2SD2212 Datasheet
2SD2212 Cross Reference
2SD2212 Schematic
2SD2212 Distributor
2SD2212 Datenblatt
2SD2212 RoHS
2SD2212 Equivalent
2SD2212 Application Notes
2SD2212 Data Sheet
2SD2212 components
2SD2212 Fiche Technique
2SD2212 Circuit
All Rights Reserved©
Alldatasheet.net
2003 - 2008
Contact us
Privacy Policy
Bookmark
Link Exchange
Site link
Manufacturer