Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU1425AK Datasheet (PDF) - Rohm

BU1425AK Datasheet PDF - Rohm
Part # BU1425AK
Download  BU1425AK Download

File Size   307.8 Kbytes
Page   32 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description NTSC / PAL digital RGB encoder

BU1425AK Datasheet (PDF)

Go To PDF Page Download Datasheet
BU1425AK Datasheet PDF - Rohm

Part # BU1425AK
Download  BU1425AK Click to download

File Size   307.8 Kbytes
Page   32 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description NTSC / PAL digital RGB encoder

BU1425AK Datasheet (HTML) - Rohm

Back Button BU1425AK Datasheet HTML 1Page - Rohm BU1425AK Datasheet HTML 2Page - Rohm BU1425AK Datasheet HTML 3Page - Rohm BU1425AK Datasheet HTML 4Page - Rohm BU1425AK Datasheet HTML 5Page - Rohm BU1425AK Datasheet HTML 6Page - Rohm BU1425AK Datasheet HTML 7Page - Rohm BU1425AK Datasheet HTML 8Page - Rohm BU1425AK Datasheet HTML 9Page - Rohm BU1425AK Datasheet HTML 10Page - Rohm Next Button 

BU1425AK Product details

The BU1425AK / BU1425AKV are ICs which convert digital RGB / YUV input to composite (NTSC / PAL / PAL60), luminance (Y), and chrominance (C) signals, and outputs the results.

Features
1) Input clocks supported
    27.0 / 13.5MHz
    28.636 / 14.318MHz
    28.375 / 14.1875MHz
    35.4695 / 17.73475MHz
2) 24-bit RGB and 16-bit YUV input signals are supported.
3) Both master and slave systems are supported.
4) 9-bit high-speed DAC is used for DAC output of composite VIDEO, Y, and C signals.
5) Internal 8-color OSD output function is provided.
6) FSC-TRAP on the Y channel can be turned on and off.
7) C channel is equipped with an internal chrominance band-pass filter in addition to the U.V. lowpass filter.
8) 5V single power supply, low power consumption (0.4W typ.)
9) Y and C output can be turned off (the power consumption with Y and C off is 0.25W typ.).
10) In the Master mode, applying 3.3V to the I / O VDD and 5.0V to other VDDs produces HSY and VSY output with an amplitude of 3.3V. This enables direct connection to LSIs that use a power supply voltage of 3.3V. (The clock output for the OSD has a fixed amplitude of 5.0V.)
11) In the Slave mode, applying voltage to the I / O VDD only, and applying 0V to other VDDs, enables a current consumption of 0 even when RGB DATA, HSY, VSY, and OSD DATA are in the active state.

Applications
    Video interfaces for VIDEO-CDs and CD-G decoders




Similar Part No. - BU1425AK

ManufacturerPart #DatasheetDescription
logo
Rohm
BU1424K ROHM-BU1424K Datasheet
273Kb / 30P
   NTSC / PAL digital RGB encoder
More results


Similar Description - BU1425AK

ManufacturerPart #DatasheetDescription
logo
Rohm
BU1424K ROHM-BU1424K Datasheet
273Kb / 30P
   NTSC / PAL digital RGB encoder
logo
Analog Devices
AD722 AD-AD722 Datasheet
363Kb / 12P
   RGB to NTSC/PAL Encoder
REV. 0
logo
Samsung semiconductor
KA2198BD SAMSUNG-KA2198BD Datasheet
103Kb / 6P
   RGB ENCODER FOR PAL/NTSC
logo
Analog Devices
AD724 AD-AD724_15 Datasheet
209Kb / 15P
   RGB to NTSC/PAL Encoder
REV. B
AD724 AD-AD724 Datasheet
205Kb / 15P
   RGB to NTSC/PAL Encoder
REV. B
AD724JRZ AD-AD724JRZ Datasheet
198Kb / 15P
   RGB to NTSC/PAL Encoder
REV. B
logo
Mitsubishi Electric Sem...
M65677FP MITSUBISHI-M65677FP Datasheet
38Kb / 6P
   DIGITAL NTSC/PAL ENCODER
M65675FP MITSUBISHI-M65675FP Datasheet
83Kb / 17P
   DIGITAL NTSC/PAL ENCODER
logo
Renesas Technology Corp
M65677FP RENESAS-M65677FP Datasheet
134Kb / 9P
   Digital NTSC/PAL Encoder
logo
STMicroelectronics
STV0116 STMICROELECTRONICS-STV0116 Datasheet
1Mb / 21P
   PAL/NTSC DIGITAL ENCODER
October 1996
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com