Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU2090 Datasheet (PDF) - Rohm

BU2090 Datasheet PDF - Rohm
Part # BU2090
Download  BU2090 Download

File Size   140.33 Kbytes
Page   12 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description 12-bit, serial IN, parallel OUT driver

BU2090 Datasheet (PDF)

Go To PDF Page Download Datasheet
BU2090 Datasheet PDF - Rohm

Part # BU2090
Download  BU2090 Click to download

File Size   140.33 Kbytes
Page   12 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description 12-bit, serial IN, parallel OUT driver

BU2090 Datasheet (HTML) - Rohm

Back Button BU2090 Datasheet HTML 1Page - Rohm BU2090 Datasheet HTML 2Page - Rohm BU2090 Datasheet HTML 3Page - Rohm BU2090 Datasheet HTML 4Page - Rohm BU2090 Datasheet HTML 5Page - Rohm BU2090 Datasheet HTML 6Page - Rohm BU2090 Datasheet HTML 7Page - Rohm BU2090 Datasheet HTML 8Page - Rohm BU2090 Datasheet HTML 9Page - Rohm BU2090 Datasheet HTML 10Page - Rohm Next Button 

BU2090 Product details

The BU2090, BU2090F, BU2090FS, BU2092, BU2092F, and BU2092FV are 12-bit serial input, parallel output drivers.
For the BU2090 / F / FS, data input is shifted to the 12-bit internal shift register on the rising edge of a clock pulse.
On the falling edge of the pulse, if the DATA pin is HIGH, the data in the shift register is output in parallel to Q0 to Q11.
For the BU2092 / F / FV, shift data read at the rising edge of CLOCK is output in parallel to Q0 to Q11 at the rising edge of LCK. These ICs also have an OE pin, which when HIGH, forces data to be output, regardless of the shift data state.

• Features
1) Low power dissipation.
2) Operating voltages ranging from 2.7 to 5.5V.
3) Output is Nch open drain.
4) High output withstand voltage of + 25V.
5) Diverse variety of packages.
   BU2090 / F / FS: DIP16, SOP16, SSOP-A16
   BU2092 / F / FV: DIP18, SOP18, SSOP-A18 (plastic molds)
6) High drive capability; direct lighting of green LED possible.

• Applications
   Radio cassette players, telephones, compact audio systems, car stereos, and others




Similar Part No. - BU2090

ManufacturerPart #DatasheetDescription
logo
Rohm
BU2090F ROHM-BU2090F Datasheet
241Kb / 6P
   12bit Serial IN / Parallel Out Driver
BU2090F ROHM-BU2090F Datasheet
299Kb / 13P
   Serial / Parallel 2-input Drivers
BU2090F ROHM-BU2090F Datasheet
1Mb / 16P
   2-input Serial- in / Parallel- out Drivers
BU2090F-E2 ROHM-BU2090F-E2 Datasheet
299Kb / 13P
   Serial / Parallel 2-input Drivers
BU2090FS ROHM-BU2090FS Datasheet
241Kb / 6P
   12bit Serial IN / Parallel Out Driver
More results


Similar Description - BU2090

ManufacturerPart #DatasheetDescription
logo
NEC
UPD6345 NEC-UPD6345 Datasheet
79Kb / 16P
   8 BIT SERIAL IN/PARALLEL OUT DRIVER
logo
Rohm
BA829 ROHM-BA829 Datasheet
81Kb / 7P
   8-bit, serial IN, parallel OUT driver
logo
Toshiba Semiconductor
TD6336F TOSHIBA-TD6336F Datasheet
250Kb / 6P
   8-BIT SERIAL-IN PARALLEL-OUT DRIVER
logo
Rohm
BA823 ROHM-BA823 Datasheet
83Kb / 7P
   8-bit, serial IN, parallel OUT driver
BU2050F ROHM-BU2050F Datasheet
55Kb / 6P
   8-bit serial in, parallel out driver IC
logo
Unisonic Technologies
U8C3005 UTC-U8C3005 Datasheet
190Kb / 6P
   8 BIT SERIAL-IN PARALLEL-OUT VALVE DRIVER
logo
Toshiba Semiconductor
TC74VHC9164FK TOSHIBA-TC74VHC9164FK Datasheet
666Kb / 10P
   8-Bit Shift Register (Parallel-IN/ Serial-OUT, Serial -IN/ Parallel -OUT)
2018-06-22
logo
Rohm
BU2090F ROHM-BU2090F Datasheet
241Kb / 6P
   12bit Serial IN / Parallel Out Driver
BU2098F ROHM-BU2098F Datasheet
212Kb / 6P
   8bit Serial IN / Parallel Out Driver
BA829 ROHM-BA829_1 Datasheet
165Kb / 6P
   8bits Serial-In Parallel-Out Driver
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com