Electronic Components Datasheet Search |
|
0050361706 Datasheet (PDF) - Molex Electronics Ltd. |
0050361706 Datasheet (PDF) |
Download Datasheet |
Part # | 0050361706 |
Download | 0050361706 Click to download |
File Size | 322.68 Kbytes |
Page | 5 Pages |
Manufacturer | MOLEX3 [Molex Electronics Ltd.] |
Direct Link | http://www.molex.com |
Logo | |
Description | 4.20mm (.165") Pitch Mini-Fit Jr.??Header, Dual Row, Vertical, with Snap-in Plastic Peg PCB Lock, without Drain Holes, 8 Circuits, PA Polyamide Nylon 6/6, UL 94V-0, Tin (Sn) Over Nickel (Ni) Plating, Glow Wire Compatible |
0050361706 Datasheet (HTML) - Molex Electronics Ltd. |
Similar Part No. - 0050361706 |
|
About Molex Electronics Ltd. |
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |