Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LB-203DB Datasheet (PDF) - Rohm

LB-203DB Datasheet PDF - Rohm
Part # LB-203DB
Download  LB-203DB Download

File Size   62.62 Kbytes
Page   2 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description High efficiency, three-digit numeric displays

LB-203DB Datasheet (PDF)

Go To PDF Page Download Datasheet
LB-203DB Datasheet PDF - Rohm

Part # LB-203DB
Download  LB-203DB Click to download

File Size   62.62 Kbytes
Page   2 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description High efficiency, three-digit numeric displays

LB-203DB Datasheet (HTML) - Rohm

LB-203DB Datasheet HTML 1Page - Rohm LB-203DB Datasheet HTML 2Page - Rohm

LB-203DB Product details

The LB-203BL series are small, three-digit numeric displays with a character height of 6.4mm. These displays can be combined with appropriate displays in the two-digit LB-202BL series to form a multi-digit display with an equal pitch interval between characters.

Features
1) Four colors are available : red, orange, yellow, and green.
2) Common anode and common cathode configurations are available.
3) Dynamic lighting system to minimize the number of pins.
4) Equal pitch interval between characters even with multi-digit display.
5) The package surface is painted black and the segments are colored the display color.




Similar Part No. - LB-203DB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LB-20 ETC-LB-20 Datasheet
70Kb / 1P
   Effect of PWB Copper Area on Thermal Performance of 20-Lead SOIC LB Package
LB-200-100 ETC2-LB-200-100 Datasheet
109Kb / 1P
   TYPE LB: 170 through 600 Amperes
LB-200-100 ETC2-LB-200-100 Datasheet
109Kb / 1P
   170 through 600 Amperes
LB-200-50 ETC2-LB-200-50 Datasheet
109Kb / 1P
   TYPE LB: 170 through 600 Amperes
LB-200-50 ETC2-LB-200-50 Datasheet
109Kb / 1P
   170 through 600 Amperes
More results


Similar Description - LB-203DB

ManufacturerPart #DatasheetDescription
logo
Rohm
LB-303AK ROHM-LB-303AK Datasheet
62Kb / 2P
   High efficiency, three-digit numeric displays
LB-603FP ROHM-LB-603FP_1 Datasheet
57Kb / 3P
   High efficiency, three-digit numeric displays
LB-303AK ROHM-LB-303AK_11 Datasheet
946Kb / 4P
   High efficiency, three-digit numeric displays
LB-303AK ROHM-LB-303AK_1 Datasheet
60Kb / 3P
   High efficiency, three-digit numeric displays
LB-403F1 ROHM-LB-403F1 Datasheet
58Kb / 2P
   High efficiency, three-digit numeric displays
LB-603FP ROHM-LB-603FP Datasheet
45Kb / 2P
   High efficiency, three-digit numeric displays
LB-502DN ROHM-LB-502DN Datasheet
61Kb / 2P
   High efficiency, two-digit numeric displays
LB-602VK2 ROHM-LB-602VK2 Datasheet
62Kb / 2P
   High efficiency, two-digit numeric displays
LB-302FP ROHM-LB-302FP_11 Datasheet
944Kb / 4P
   High efficiency, two-digit numeric displays
LB-402DN ROHM-LB-402DN_1 Datasheet
51Kb / 3P
   High efficiency, two-digit numeric displays
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com