Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD-19204-002 Datasheet (PDF) - Molex Electronics Ltd.

SD-19204-002 Datasheet PDF - Molex Electronics Ltd.
Part # SD-19204-002
Download  SD-19204-002 Download

File Size   80.79 Kbytes
Page   2 Pages
Manufacturer  MOLEX4 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.
Description InsulKrimp??4 Way Splice for 18-22 AWG Wire

SD-19204-002 Datasheet (PDF)

Go To PDF Page Download Datasheet
SD-19204-002 Datasheet PDF - Molex Electronics Ltd.

Part # SD-19204-002
Download  SD-19204-002 Click to download

File Size   80.79 Kbytes
Page   2 Pages
Manufacturer  MOLEX4 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.
Description InsulKrimp??4 Way Splice for 18-22 AWG Wire

SD-19204-002 Datasheet (HTML) - Molex Electronics Ltd.

SD-19204-002 Datasheet HTML 1Page - Molex Electronics Ltd. SD-19204-002 Datasheet HTML 2Page - Molex Electronics Ltd.



Similar Part No. - SD-19204-002

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
SD-19204-002 MOLEX4-SD-19204-002 Datasheet
81Kb / 3P
   InsulKrimp??4 Way Splice for 10-12 AWG Wire
SD-19204-002 MOLEX4-SD-19204-002 Datasheet
80Kb / 2P
   Avikrimp??4 Way Splice for 14-16 AWG Wire
SD-19204-002 MOLEX4-SD-19204-002 Datasheet
80Kb / 2P
   Avikrimp??4 Way Splice for 10-12 AWG Wire
More results


Similar Description - SD-19204-002

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0192040004 MOLEX4-0192040004 Datasheet
81Kb / 2P
   InsulKrimp??3 Way Splice for 18-22 AWG Wire
0191540004 MOLEX4-0191540004 Datasheet
91Kb / 2P
   InsulKrimp??Butt Splice for 18-22 AWG Wire
0191540011 MOLEX4-0191540011 Datasheet
63Kb / 2P
   InsulKrimp??Butt Splice for 18-22 AWG Wire
0192040025 MOLEX4-0192040025 Datasheet
81Kb / 3P
   InsulKrimp??4 Way Splice for 10-12 AWG Wire
0192040026 MOLEX4-0192040026 Datasheet
82Kb / 3P
   InsulKrimp??3 Way Splice for 10-12 AWG Wire
0191540048 MOLEX4-0191540048 Datasheet
81Kb / 2P
   InsulKrimp??Butt Splice for 4 AWG Wire
0192040014 MOLEX4-0192040014 Datasheet
82Kb / 3P
   InsulKrimp??3 Way Splice for 14-16 AWG Wire
0191890004 MOLEX4-0191890004 Datasheet
96Kb / 2P
   Krimptite??Butt Splice for 18-22 AWG Wire
0191990007 MOLEX4-0191990007 Datasheet
115Kb / 2P
   Butt - Window Splice for 18-22 AWG Wire
0192150009 MOLEX4-0192150009 Datasheet
87Kb / 2P
   VersaKrimp??Butt Splice for 18-22 AWG Wire
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com