Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KA22066 Datasheet (PDF) - Samsung semiconductor

KA22066 Datasheet PDF - Samsung semiconductor
Part # KA22066
Download  KA22066 Download

File Size   101.66 Kbytes
Page   4 Pages
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor
Description 4.0W DUAL AUDIO POWER AMP.

KA22066 Datasheet (PDF)

Go To PDF Page Download Datasheet
KA22066 Datasheet PDF - Samsung semiconductor

Part # KA22066
Download  KA22066 Click to download

File Size   101.66 Kbytes
Page   4 Pages
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor
Description 4.0W DUAL AUDIO POWER AMP.

KA22066 Datasheet (HTML) - Samsung semiconductor

KA22066 Datasheet HTML 1Page - Samsung semiconductor KA22066 Datasheet HTML 2Page - Samsung semiconductor KA22066 Datasheet HTML 3Page - Samsung semiconductor KA22066 Datasheet HTML 4Page - Samsung semiconductor

KA22066 Product details

INTRODUCTION
The KA22066 is a monolithic integrated circuit consisting of a 2-channel power amplifier with a power on/off (stand-by switch) function. It is suitable for portable radio cassette type recorders.




Similar Part No. - KA22066

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KA2206 SAMSUNG-KA2206 Datasheet
81Kb / 5P
   2-CHANNEL POWER AMPLIFIER
logo
List of Unclassifed Man...
KA2206 ETC-KA2206 Datasheet
429Kb / 8P
   KA2206 2.3W Dual Audio Power Amplifier
logo
First Components Intern...
KA2206 FCI-KA2206 Datasheet
435Kb / 8P
   2.3W Dual Audio Power Amplifier
logo
List of Unclassifed Man...
KA2206 ETC2-KA2206 Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Samsung semiconductor
KA22065 SAMSUNG-KA22065 Datasheet
98Kb / 3P
   4.6W DUAL POWER AMP
More results


Similar Description - KA22066

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2206 UTC-2206 Datasheet
121Kb / 4P
   2.5W DUAL AUDIO POWER AMP
logo
Samsung semiconductor
KA2206B SAMSUNG-KA2206B Datasheet
125Kb / 6P
   2.3W DUAL AUDIO POWER AMP
logo
Wuxi Youda electronics ...
YD2206 YOUDA-YD2206 Datasheet
76Kb / 4P
   2.5W DUAL AUDIO POWER AMP
logo
Unisonic Technologies
2206 UTC-2206_15 Datasheet
166Kb / 6P
   2.5W DUAL AUDIO POWER AMP
logo
Diodes Incorporated
PAM8945 DIODES-PAM8945 Datasheet
650Kb / 9P
   4.0W CLASS-G AUDIO AMPLIFIER WITH INTEGRATED
logo
NTE Electronics
NTE804 NTE-NTE804 Datasheet
75Kb / 3P
   Integrated Circuit Dual Audio Power Amp, 2W
logo
List of Unclassifed Man...
CD2822ACB ETC2-CD2822ACB Datasheet
242Kb / 7P
   1W x 2 Dual Audio Power Amp
2006-11-A
logo
Panasonic Semiconductor
LA4289N PANASONIC-LA4289N Datasheet
55Kb / 1P
   Audio Power AMP
logo
Unisonic Technologies
AN17823 UTC-AN17823 Datasheet
130Kb / 4P
   BTL 4.0W X 1CH POWER AMPLIFIER
AN17823 UTC-AN17823_15 Datasheet
130Kb / 4P
   BTL 4.0W X 1CH POWER AMPLIFIER
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com