Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD-47641-001 Datasheet (PDF) - Molex Electronics Ltd.

SD-47641-001 Datasheet PDF - Molex Electronics Ltd.
Part # SD-47641-001
Download  SD-47641-001 Download

File Size   129.13 Kbytes
Page   2 Pages
Manufacturer  MOLEX6 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX6 - Molex Electronics Ltd.
Description 10 PIN MINI USB RECEPTACLE CONNECTOR

SD-47641-001 Datasheet (PDF)

Go To PDF Page Download Datasheet
SD-47641-001 Datasheet PDF - Molex Electronics Ltd.

Part # SD-47641-001
Download  SD-47641-001 Click to download

File Size   129.13 Kbytes
Page   2 Pages
Manufacturer  MOLEX6 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX6 - Molex Electronics Ltd.
Description 10 PIN MINI USB RECEPTACLE CONNECTOR

SD-47641-001 Datasheet (HTML) - Molex Electronics Ltd.

SD-47641-001 Datasheet HTML 1Page - Molex Electronics Ltd. SD-47641-001 Datasheet HTML 2Page - Molex Electronics Ltd.



Similar Part No. - SD-47641-001

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
SD-47642-001 MOLEX6-SD-47642-001 Datasheet
133Kb / 3P
   0.65mm (.026") Pitch Micro-USB B Receptacle, Mid-Mount, SMT, with Through Hole Solder Tab, Gold (Au) Flash Plating
SD-47642-001 MOLEX-SD-47642-001 Datasheet
177Kb / 2P
   MICRO USB B REC. MID MOUNT THROUGH HOLE ASSY
2008.01.04
More results


Similar Description - SD-47641-001

ManufacturerPart #DatasheetDescription
logo
Yamaichi Electronics Co...
USB-M08-003A YAMAICHI-USB-M08-003A Datasheet
114Kb / 2P
   Mini USB - 90째 Receptacle 8 Pin
USB-M05-003 YAMAICHI-USB-M05-003 Datasheet
247Kb / 2P
   Mini USB - 90째 Receptacle
USB-M04-003 YAMAICHI-USB-M04-003 Datasheet
836Kb / 2P
   Mini USB - 90째 Receptacle
logo
SUYIN USA, INC.
020200MB005M568ZR SUYIN-USA-020200MB005M568ZR Datasheet
136Kb / 1P
   MINI USB CONNECTOR
020200MB005S535ZR SUYIN-USA-020200MB005S535ZR Datasheet
152Kb / 1P
   MINI USB CONNECTOR
logo
Molex Electronics Ltd.
847290024 MOLEX-847290024 Datasheet
81Kb / 1P
   2.0 USB-A TO USB MINI B RECEPTACLE
2013/01/18
logo
FCI connector
10033526-N3212LF FCI-CONNECTOR-10033526-N3212LF Datasheet
148Kb / 2P
   MINI USB B-TYPE SMT RECEPTACLE
logo
Assmann Electronics Inc...
A-USBB-2-M4-H-R ASSMANN-A-USBB-2-M4-H-R Datasheet
66Kb / 1P
   USB 2.0 Mini Connector
logo
Global Connector Techno...
USB2066 GCT-USB2066 Datasheet
161Kb / 2P
   Mini USB Receptacle, Type B, 5 Pin, SMT, Horizontal, Optional Post, 9.40mm Length
4th June 2009
logo
FCI connector
10033527-N3112 FCI-CONNECTOR-10033527-N3112 Datasheet
143Kb / 2P
   MINI USB AB TYPE RECEPTACLE CONNECTOR, R/A SMT TYPE
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com