Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KM416C256D Datasheet (PDF) - Samsung semiconductor

KM416C256D Datasheet PDF - Samsung semiconductor
Part # KM416C256D
Download  KM416C256D Download

File Size   83.77 Kbytes
Page   8 Pages
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor
Description 256K x 16Bit CMOS Dynamic RAM with Fast Page Mode

KM416C256D Datasheet (PDF)

Go To PDF Page Download Datasheet
KM416C256D Datasheet PDF - Samsung semiconductor

Part # KM416C256D
Download  KM416C256D Click to download

File Size   83.77 Kbytes
Page   8 Pages
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor
Description 256K x 16Bit CMOS Dynamic RAM with Fast Page Mode

KM416C256D Datasheet (HTML) - Samsung semiconductor

KM416C256D Datasheet HTML 1Page - Samsung semiconductor KM416C256D Datasheet HTML 2Page - Samsung semiconductor KM416C256D Datasheet HTML 3Page - Samsung semiconductor KM416C256D Datasheet HTML 4Page - Samsung semiconductor KM416C256D Datasheet HTML 5Page - Samsung semiconductor KM416C256D Datasheet HTML 6Page - Samsung semiconductor KM416C256D Datasheet HTML 7Page - Samsung semiconductor KM416C256D Datasheet HTML 8Page - Samsung semiconductor

KM416C256D Product details

DESCRIPTION
This is a family of 262,144 x 16 bit Fast Page Mode CMOS DRAMs. Fast Page Mode offers high speed random access of memory cells within the same row. Power supply voltage (+5.0V or +3.3V), access time (-5,-6,-7), power consumption(Normal or Low power) and package type(SOJ or TSOP-II) are optional features of this family.

FEATURES
• Part Identification
    - KM416C256D/DL (5V, 512K Ref.)
    - KM416V256D/DL (3.3V, 512K Ref.)
• Active Power Dissipation
• Refresh Cycles
• Performance Range:
• Fast Page Mode operation
• 2 CAS Byte/Wrod Read/Write operation
• CAS-before-RAS refresh capability
• RAS-only and Hidden refresh capability
• Self-refresh capability (L-ver only)
• TTL(5V)/LVTTL(3.3V) compatible inputs and outputs
• Early Write or output enable controlled write
• JEDEC Standard pinout
• Available in 40-pin SOJ 400mil and44(40)-pin TSOP(II) 400mil packages
• Triple +5V¡¾10% power supply(5V product)
• Triple +3.3V¡¾0.3V power supply(3.3V product)




Similar Part No. - KM416C256D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KM416C256ALJ-7 ETC2-KM416C256ALJ-7 Datasheet
27Kb / 2P
   C-MOS 4M (256K X 16)-BIT DYNAMIC RAM WITH FAST PAGE MODE
More results


Similar Description - KM416C256D

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KM416C1000C SAMSUNG-KM416C1000C Datasheet
767Kb / 34P
   1M x 16Bit CMOS Dynamic RAM with Fast Page Mode
KM416V4000B SAMSUNG-KM416V4000B Datasheet
767Kb / 35P
   4M x 16bit CMOS Dynamic RAM with Fast Page Mode
K4F661612D SAMSUNG-K4F661612D Datasheet
390Kb / 35P
   4M X 16BIT CMOS DYNAMIC RAM WITH FAST PAGE MODE
K4F661612E SAMSUNG-K4F661612E Datasheet
386Kb / 35P
   4M x 16bit CMOS Dynamic RAM with Fast Page Mode
KM416V4000C SAMSUNG-KM416V4000C Datasheet
88Kb / 9P
   4M x 16bit CMOS Dynamic RAM with Fast Page Mode
K4F171611D SAMSUNG-K4F171611D Datasheet
528Kb / 34P
   1M x 16Bit CMOS Dynamic RAM with Fast Page Mode
KM416C1000B SAMSUNG-KM416C1000B Datasheet
84Kb / 8P
   1M x 16Bit CMOS Dynamic RAM with Fast Page Mode
KM416C4000B SAMSUNG-KM416C4000B Datasheet
826Kb / 35P
   4M x 16bit CMOS Dynamic RAM with Fast Page Mode
KM416C4000C SAMSUNG-KM416C4000C Datasheet
901Kb / 35P
   4M x 16bit CMOS Dynamic RAM with Fast Page Mode
K4F661612C SAMSUNG-K4F661612C Datasheet
844Kb / 35P
   4M x 16bit CMOS Dynamic RAM with Fast Page Mode
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com