Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KM416C10CT-L6 Datasheet (PDF) - Samsung semiconductor

KM416C10CT-L6 Datasheet PDF - Samsung semiconductor
Part # KM416C10CT-L6
Download  KM416C10CT-L6 Download

File Size   804.64 Kbytes
Page   35 Pages
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor
Description 1M x 16Bit CMOS Dynamic RAM with Extended Data Out

KM416C10CT-L6 Datasheet (PDF)

Go To PDF Page Download Datasheet
KM416C10CT-L6 Datasheet PDF - Samsung semiconductor

Part # KM416C10CT-L6
Download  KM416C10CT-L6 Click to download

File Size   804.64 Kbytes
Page   35 Pages
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor
Description 1M x 16Bit CMOS Dynamic RAM with Extended Data Out

KM416C10CT-L6 Datasheet (HTML) - Samsung semiconductor

Back Button KM416C10CT-L6 Datasheet HTML 1Page - Samsung semiconductor KM416C10CT-L6 Datasheet HTML 2Page - Samsung semiconductor KM416C10CT-L6 Datasheet HTML 3Page - Samsung semiconductor KM416C10CT-L6 Datasheet HTML 4Page - Samsung semiconductor KM416C10CT-L6 Datasheet HTML 5Page - Samsung semiconductor KM416C10CT-L6 Datasheet HTML 6Page - Samsung semiconductor KM416C10CT-L6 Datasheet HTML 7Page - Samsung semiconductor KM416C10CT-L6 Datasheet HTML 8Page - Samsung semiconductor KM416C10CT-L6 Datasheet HTML 9Page - Samsung semiconductor KM416C10CT-L6 Datasheet HTML 10Page - Samsung semiconductor Next Button 

KM416C10CT-L6 Product details

DESCRIPTION
This is a family of 1,048,576 x 16 bit Extended Data Out CMOS DRAMs. Extended Data Out Mode offers high speed random access of memory cells within the same row, so called Hyper Page Mode. Power supply voltage (+5.0V or +3.3V), refresh cycle (1K Ref. or 4K Ref.), access time (-45, -5 or -6), power consumption(Normal or Low power) and package type(SOJ or TSOP-II) are optional features of this family. All of this family have CAS-before-RAS refresh, RAS-only refresh and Hidden refresh capabilities. Furthermore, Self-refresh operation is available in L-version. This 1Mx16 EDO Mode DRAM family is fabricated using Samsung¢ s advanced CMOS process to realize high band-width, low power consumption and high reliability. It may be used as graphic memory unit for microcomputer, personal computer and portable machines.

FEATURES
• Extended Data Out Mode operation
   (Fast Page Mode with Extended Data Out)
• 2 CAS Byte/Word Read/Write operation
• CAS-before-RAS refresh capability
• RAS-only and Hidden refresh capability
• Self-refresh capability (L-ver only)
• TTL(5V)/LVTTL(3.3V) compatible inputs and outputs
• Early Write or output enable controlled write
• JEDEC Standard pinout
• Available in plastic SOJ 400mil and TSOP(II) packages
• Single +5V±10% power supply (5V product)
• Single +3.3V±0.3V power supply (3.3V product)




Similar Part No. - KM416C10CT-L6

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KM416C1000B SAMSUNG-KM416C1000B Datasheet
84Kb / 8P
   1M x 16Bit CMOS Dynamic RAM with Fast Page Mode
KM416C1000C SAMSUNG-KM416C1000C Datasheet
767Kb / 34P
   1M x 16Bit CMOS Dynamic RAM with Fast Page Mode
More results


Similar Description - KM416C10CT-L6

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4E171611D SAMSUNG-K4E171611D Datasheet
553Kb / 35P
   1M x 16Bit CMOS Dynamic RAM with Extended Data Out
KM416C254D SAMSUNG-KM416C254D Datasheet
840Kb / 36P
   256K x 16Bit CMOS Dynamic RAM with Extended Data Out
KM416V4004C SAMSUNG-KM416V4004C Datasheet
808Kb / 36P
   4M x 16bit CMOS Dynamic RAM with Extended Data Out
KM416V1204BJ SAMSUNG-KM416V1204BJ Datasheet
2Mb / 31P
   1M x 16BIT CMOS DYNAMIT RAM WITH EXTENDED DATA OUT
K4E661612C SAMSUNG-K4E661612C Datasheet
884Kb / 36P
   4M x 16bit CMOS Dynamic RAM with Extended Data Out
K4E661612B SAMSUNG-K4E661612B Datasheet
885Kb / 36P
   4M x 16bit CMOS Dynamic RAM with Extended Data Out
KM416V4004B SAMSUNG-KM416V4004B Datasheet
806Kb / 36P
   4M x 16bit CMOS Dynamic RAM with Extended Data Out
K4E661611D SAMSUNG-K4E661611D Datasheet
882Kb / 36P
   4M x 16bit CMOS Dynamic RAM with Extended Data Out
KM416C4004C SAMSUNG-KM416C4004C Datasheet
946Kb / 36P
   4M x 16bit CMOS Dynamic RAM with Extended Data Out
KM416V1004A SAMSUNG-KM416V1004A Datasheet
1Mb / 35P
   1M x 16 BIT CMOS DYNAMIC RAM WITH EXTENDED DATA OUT
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com