Electronic Components Datasheet Search |
|
0674921921 Datasheet (PDF) - Molex Electronics Ltd. |
0674921921 Datasheet (PDF) |
Download Datasheet |
Part # | 0674921921 |
Download | 0674921921 Click to download |
File Size | 156.87 Kbytes |
Page | 3 Pages |
Manufacturer | MOLEX7 [Molex Electronics Ltd.] |
Direct Link | http://www.molex.com |
Logo | |
Description | 1.27mm (.050") Pitch Serial ATA Host Receptacle, Right Angle, SMT, Mating Height 3.55mm (.140"), 0.76關m (30關") Gold (Au) Plating, without Cap, Embossed Tape onReel Packaging, 22 Circuits, Lead Free |
0674921921 Datasheet (HTML) - Molex Electronics Ltd. |
Similar Part No. - 0674921921 |
|
About Molex Electronics Ltd. |
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |