Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A8181SLB Datasheet (PDF) - Sanken electric

A8181SLB Datasheet PDF - Sanken electric
Part # A8181SLB
Download  A8181SLB Download

File Size   58.46 Kbytes
Page   4 Pages
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric
Description Surface-Mount, Low Circuit Current, Low Dropout Voltage Dropper Type

A8181SLB Datasheet (PDF)

Go To PDF Page Download Datasheet
A8181SLB Datasheet PDF - Sanken electric

Part # A8181SLB
Download  A8181SLB Click to download

File Size   58.46 Kbytes
Page   4 Pages
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric
Description Surface-Mount, Low Circuit Current, Low Dropout Voltage Dropper Type

A8181SLB Datasheet (HTML) - Sanken electric

A8181SLB Datasheet HTML 1Page - Sanken electric A8181SLB Datasheet HTML 2Page - Sanken electric A8181SLB Datasheet HTML 3Page - Sanken electric A8181SLB Datasheet HTML 4Page - Sanken electric

A8181SLB Product details

■ Features
• Surface-mount package
• Output current: 0.5A
• Low circuit current
    Iq≤120µA (Output ON)
    Iq(off)≤20µA(Output OFF)
• Low dropout voltage: VDIF≤0.3V (at IO=0.5A)
• Output ON/OFF control terminal is compatible with LS-TTL.
• Built-in thermal protection circuit

■ Applications
• Portable phones and PHS telephones
• Battery-driven electronic equipment




Similar Part No. - A8181SLB

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A8181SLB ALLEGRO-A8181SLB Datasheet
103Kb / 8P
   LOW-DROPOUT, 5 V REGULATOR . HIGH EFFICIENCY
More results


Similar Description - A8181SLB

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SI-3000LU SANKEN-SI-3000LU Datasheet
44Kb / 2P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage Dropper Type
A8180SLU SANKEN-A8180SLU Datasheet
53Kb / 4P
   Surface-Mount, Low Quiescent Current, Low Dropout Voltage Dropper Type
logo
List of Unclassifed Man...
SI-3033LUS ETC-SI-3033LUS Datasheet
47Kb / 4P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage Dropper Type
SI-3000KS ETC-SI-3000KS Datasheet
85Kb / 7P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage Dropper Type
SI-3000LSA ETC1-SI-3000LSA Datasheet
58Kb / 6P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage Dropper Type
SI-3025KS ETC-SI-3025KS Datasheet
92Kb / 7P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage Dropper Type
logo
Sanken electric
SI-3000V SANKEN-SI-3000V Datasheet
41Kb / 4P
   3-Terminal, Low Dropout Voltage Dropper Type
STR9000 SANKEN-STR9000 Datasheet
53Kb / 5P
   5-Terminal, Low Dropout Voltage Dropper Type
SI-3000N SANKEN-SI-3000N Datasheet
37Kb / 4P
   3-Terminal, Full-Mold, Low Dropout Voltage Dropper Type
SI-3001N SANKEN-SI-3001N Datasheet
39Kb / 4P
   3-Terminal, Full-Mold, Low Dropout Voltage Dropper Type
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com