Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI-3090 Datasheet (PDF) - Sanken electric

SI-3090 Datasheet PDF - Sanken electric
Part # SI-3090
Download  SI-3090 Download

File Size   37.57 Kbytes
Page   4 Pages
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric
Description 3-Terminal, Full-Mold, Low Dropout Voltage Dropper Type

SI-3090 Datasheet (PDF)

Go To PDF Page Download Datasheet
SI-3090 Datasheet PDF - Sanken electric

Part # SI-3090
Download  SI-3090 Click to download

File Size   37.57 Kbytes
Page   4 Pages
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric
Description 3-Terminal, Full-Mold, Low Dropout Voltage Dropper Type

SI-3090 Datasheet (HTML) - Sanken electric

SI-3090 Datasheet HTML 1Page - Sanken electric SI-3090 Datasheet HTML 2Page - Sanken electric SI-3090 Datasheet HTML 3Page - Sanken electric SI-3090 Datasheet HTML 4Page - Sanken electric

SI-3090 Product details

■ Features
• Compact full-mold package (equivalent to TO220)
• Output current: 1.0A
• Low dropout voltage: VDIF≤1V (at IO=1.0A)
• Built-in foldback overcurrent, overvoltage, thermal protection circuits

■ Applications
• For stabilization of the secondary stage of switching power supplies
• Electronic equipment




Similar Part No. - SI-3090

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SI-3090C SANKEN-SI-3090C Datasheet
59Kb / 7P
   5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type
logo
List of Unclassifed Man...
SI-3090C ETC-SI-3090C Datasheet
94Kb / 7P
   5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type
logo
Allegro MicroSystems
SI-3090C ALLEGRO-SI-3090C Datasheet
171Kb / 10P
   LOW-VOLTAGE, HIGH-CURRENT 1.8 V LINEAR REGULATOR
logo
Sanken electric
SI-3090F SANKEN-SI-3090F Datasheet
61Kb / 6P
   5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type
SI-3090F SANKEN-SI-3090F Datasheet
61Kb / 6P
   5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type
More results


Similar Description - SI-3090

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SI-3001N SANKEN-SI-3001N Datasheet
39Kb / 4P
   3-Terminal, Full-Mold, Low Dropout Voltage Dropper Type
SI-3002N SANKEN-SI-3002N Datasheet
36Kb / 4P
   3-Terminal, Full-Mold, Low Dropout Voltage Dropper Type
SI-3000J SANKEN-SI-3000J Datasheet
52Kb / 6P
   5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type
SI-3000B SANKEN-SI-3000B Datasheet
46Kb / 5P
   5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type
SI-3157B SANKEN-SI-3157B Datasheet
46Kb / 5P
   5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type
SI-3000F SANKEN-SI-3000F Datasheet
61Kb / 6P
   5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type
SI-3050F SANKEN-SI-3050F Datasheet
61Kb / 6P
   5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type
SI-3000C SANKEN-SI-3000C Datasheet
59Kb / 7P
   5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type
logo
List of Unclassifed Man...
SI3240C ETC-SI3240C Datasheet
94Kb / 7P
   5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type
logo
Sanken electric
SI-3000V SANKEN-SI-3000V Datasheet
41Kb / 4P
   3-Terminal, Low Dropout Voltage Dropper Type
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com