Manufacturer | Part # | Datasheet | Description |
Molex Electronics Ltd. |
0850039048
|
187Kb / 4P |
2.54mm (.100") Pitch DIN 41612 C/2 Style Male Header, Right Angle, Through Hole, 48Circuits, with Mounting Clips, No Flux Proof, Lead free
|
0850039055
|
201Kb / 4P |
2.54mm (.100) Pitch DIN 41612 C/2 Style Male Header, Right Angle, Through Hole, 48 Circuits, without Mounting Clips, No Flux Proof, Lead free
|
0850099004
|
176Kb / 4P |
2.54mm (.100) Pitch DIN 41612 M Style Male Header, Right Angle, Through Hole, 24 Circuits, without Mounting Clips, No Flux Proof, Lead free
|
0850039053
|
97Kb / 3P |
2.54mm (.100) Pitch DIN 41612 C Style Male Header, Right Angle, Through Hole, 63 Circuits, No Mounting Clips, No Flux Proof, Void Pin A21, Lead free
|
0850039050
|
97Kb / 3P |
2.54mm (.100) Pitch DIN 41612 C Style Male Header, Right Angle, Through Hole, 63 Circuits, No Mounting Clips, No Flux Proof, Void Pin A22, Lead free
|
0850039051
|
97Kb / 3P |
2.54mm (.100) Pitch DIN 41612 C Style Male Header, Right Angle, Through Hole, 63 Circuits, No Mounting Clips, No Flux Proof, Void Pin A13, Lead free
|
0850039052
|
95Kb / 3P |
2.54mm (.100) Pitch DIN 41612 C Style Male Header, Right Angle, Through Hole, 63 Circuits, No Mounting Clips, No Flux Proof, Void Pin C15, Lead free
|
0850091110
|
149Kb / 4P |
2.54mm (.100) Pitch DIN 41612 M Style Male Header, Right Angle, Through Hole, 28 Circuits, with Mounting Clips, No Flux Proof
|
0850091081
|
155Kb / 4P |
2.54mm (.100) Pitch DIN 41612 M Style Male Header, Right Angle, Through Hole, 24 Circuits, without Mounting Clips, No Flux Proof
|
0850091005
|
151Kb / 4P |
2.54mm (.100) Pitch DIN 41612 M Style Male Header, Right Angle, Through Hole, 24 Circuits, without Mounting Clips, No Flux Proof
|