Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0797580015 Datasheet (PDF) - Molex Electronics Ltd.

0797580015 Datasheet PDF - Molex Electronics Ltd.
Part # 0797580015
Download  0797580015 Download

File Size   157.17 Kbytes
Page   2 Pages
Manufacturer  MOLEX9 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX9 - Molex Electronics Ltd.
Description KK Hot Tin (Sn) 22 AWG,UL1061,300MM

0797580015 Datasheet (PDF)

Go To PDF Page Download Datasheet
0797580015 Datasheet PDF - Molex Electronics Ltd.

Part # 0797580015
Download  0797580015 Click to download

File Size   157.17 Kbytes
Page   2 Pages
Manufacturer  MOLEX9 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX9 - Molex Electronics Ltd.
Description KK Hot Tin (Sn) 22 AWG,UL1061,300MM

0797580015 Datasheet (HTML) - Molex Electronics Ltd.

0797580015 Datasheet HTML 1Page - Molex Electronics Ltd. 0797580015 Datasheet HTML 2Page - Molex Electronics Ltd.



Similar Part No. - 0797580015

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0797580015 MOLEX1-0797580015 Datasheet
44Kb / 1P
   Pre-Crimped Lead KK 254 Female-to-KK 254 Female, 300mm, 22 AWG
0797580015 MOLEX1-0797580015_18 Datasheet
44Kb / 1P
   Pre-Crimped Lead KK 254 Female-to-KK 254 Female, 300mm, 22 AWG
More results


Similar Description - 0797580015

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0797580007 MOLEX9-0797580007 Datasheet
157Kb / 2P
   KK Hot Tin (Sn) 22 AWG,UL1061,150MM
0797580011 MOLEX9-0797580011 Datasheet
157Kb / 2P
   SL Female (Sn) 22 AWG,UL1061,300MM
0008500113 MOLEX1-0008500113_17 Datasheet
52Kb / 1P
   KK 254 Crimp Terminal, 22-30 AWG, Hot Tin (Sn) Dip Plating
0008500114 MOLEX1-0008500114_17 Datasheet
51Kb / 1P
   KK 254 Crimp Terminal, 22-30 AWG, Bag, Hot Tin (Sn) Dip Plating
0797580013 MOLEX9-0797580013 Datasheet
157Kb / 2P
   Mini-Fit??Male Tin (Sn) 18 AWG,UL1061,300MM
0008500135 MOLEX1-0008500135_17 Datasheet
48Kb / 1P
   KK 254 Crimp Terminal 4809, 22-30 AWG, Hot Tin Dip, Reel
0797580009 MOLEX9-0797580009 Datasheet
157Kb / 2P
   Mini-Fit??Female (Sn) 18 AWG,UL1061,300MM
0008500031 MOLEX1-0008500031_17 Datasheet
48Kb / 1P
   KK 254 Cat Ear Crimp Terminal 4809, 22-30 AWG, Hot Tin Dip, Reel
0008500032 MOLEX1-0008500032_17 Datasheet
48Kb / 1P
   KK 254 Cat Ear Crimp Terminal 4809, 22-30 AWG, Hot Tin Dip, Bag
0797580016 MOLEX9-0797580016 Datasheet
156Kb / 2P
   Pico-SPOX Female (Sn) 24 AWG,UL1061,300MM
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com