Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP3010 Datasheet (PDF) - Littelfuse

SP3010 Datasheet PDF - Littelfuse
Part # SP3010
Download  SP3010 Download

File Size   267.93 Kbytes
Page   5 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description Ultra-Low Capacitance Diode Array for ESD Protection

SP3010 Datasheet (PDF)

Go To PDF Page Download Datasheet
SP3010 Datasheet PDF - Littelfuse

Part # SP3010
Download  SP3010 Click to download

File Size   267.93 Kbytes
Page   5 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description Ultra-Low Capacitance Diode Array for ESD Protection

SP3010 Datasheet (HTML) - Littelfuse

SP3010 Datasheet HTML 1Page - Littelfuse SP3010 Datasheet HTML 2Page - Littelfuse SP3010 Datasheet HTML 3Page - Littelfuse SP3010 Datasheet HTML 4Page - Littelfuse SP3010 Datasheet HTML 5Page - Littelfuse

SP3010 Product details

Description
The SP3010 integrates 4 channels of ultra-low capacitance rail-to-rail diodes and an additional zener diode to provide protection for electronic equipment that may experience destructive electrostatic discharges (ESD). This robust device can safely absorb repetitive ESD strikes at the maximum level specified in the IEC 61000-4-2 international standard (Level 4, ±8kV contact discharge) without performance degradation. The extremely low loading capacitance also makes it ideal for protecting high speed signal pins such as HDMI, USB3.0, USB2.0, and IEEE 1394.

Features
• ESD, IEC 61000-4-2, ±8kV contact, ±15kV air
• EFT, IEC 61000-4-4, 40A (5/50ns)
• Lightning, IEC 61000- 4-5 2nd edition, 3A (tP=8/20μs)
• Low capacitance of 0.45pF (TYP) per I/O
• Low leakage current of 0.1μA (TYP) at 5V
• Small form factor μDFN( JEDEC MO-229) package saves board space
• RoHS compliant and lead-free
• AEC-Q101 qualified

Applications
• LCD/PDP TVs
• DVD Players
• Desktops
• MP3/PMP
• Set Top Boxes
• Mobile Phones
• Notebooks
• Digital Cameras




Similar Part No. - SP3010

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SP3010 LITTELFUSE-SP3010 Datasheet
285Kb / 4P
   SP3010 Series 0.45pF Rail Clamp Array
logo
SeCoS Halbleitertechnol...
SP30100R SECOS-SP30100R Datasheet
287Kb / 2P
   30.0AMP Schottky Barrier Rectifiers
logo
Littelfuse
SP3010 LITTELFUSE-SP3010_11 Datasheet
285Kb / 4P
   SP3010 Series 0.45pF Rail Clamp Array
More results


Similar Description - SP3010

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
TPRCLAMP3374N TECHPUBLIC-TPRCLAMP3374N Datasheet
1Mb / 4P
   Low Capacitance Array for ESD Protection Diode
logo
STMicroelectronics
DALC112S1 STMICROELECTRONICS-DALC112S1 Datasheet
31Kb / 3P
   LOW CAPACITANCE DIODE ARRAY FOR ESD PROTECTION
logo
Littelfuse
SP3011 LITTELFUSE-SP3011 Datasheet
265Kb / 6P
   Ultra-Low Capacitance Diode Array for USB 3.0 ESD Protection
logo
Taiwan Semiconductor Co...
TESDH5V0A TSC-TESDH5V0A Datasheet
376Kb / 4P
   Ultra low capacitance ESD Protection Array
logo
NXP Semiconductors
NUP1301U115 PHILIPS-NUP1301U115 Datasheet
138Kb / 14P
   Ultra low capacitance ESD protection array
Rev. 1-28 January 2011
logo
Taiwan Semiconductor Co...
TESDH5V0A TSC-TESDH5V0A_15 Datasheet
277Kb / 5P
   Ultra Low Capacitance ESD Protection Array
logo
Rectron Semiconductor
TEP0504DLC RECTRON-TEP0504DLC Datasheet
176Kb / 5P
   Ultra Low Capacitance ESD Protection Array
TEP0516LC RECTRON-TEP0516LC Datasheet
151Kb / 6P
   Ultra Low Capacitance ESD Protection Array
logo
Nexperia B.V. All right...
NUP1301U-Q NEXPERIA-NUP1301U-Q Datasheet
274Kb / 12P
   Ultra low capacitance ESD protection array
6 May 2022
logo
Taiwan Semiconductor Co...
TESDM5V0A TSC-TESDM5V0A Datasheet
183Kb / 4P
   Ultra Low Capacitance ESD Protection Array
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com