Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RJH60F6DPK Datasheet (PDF) - Renesas Technology Corp

RJH60F6DPK Datasheet PDF - Renesas Technology Corp
Part # RJH60F6DPK
Download  RJH60F6DPK Download

File Size   87.98 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Silicon N Channel IGBT High Speed Power Switching

RJH60F6DPK Datasheet (PDF)

Go To PDF Page Download Datasheet
RJH60F6DPK Datasheet PDF - Renesas Technology Corp

Part # RJH60F6DPK
Download  RJH60F6DPK Click to download

File Size   87.98 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Silicon N Channel IGBT High Speed Power Switching

RJH60F6DPK Datasheet (HTML) - Renesas Technology Corp

RJH60F6DPK Datasheet HTML 1Page - Renesas Technology Corp RJH60F6DPK Datasheet HTML 2Page - Renesas Technology Corp RJH60F6DPK Datasheet HTML 3Page - Renesas Technology Corp RJH60F6DPK Datasheet HTML 4Page - Renesas Technology Corp RJH60F6DPK Datasheet HTML 5Page - Renesas Technology Corp RJH60F6DPK Datasheet HTML 6Page - Renesas Technology Corp RJH60F6DPK Datasheet HTML 7Page - Renesas Technology Corp

RJH60F6DPK Product details

Features
Low collector to emitter saturation voltage
  VCE(sat)= 1.35 V typ. (at IC= 45 A, VGE= 15V, Ta = 25°C)
Built in fast recovery diode in one package
Trench gate and thin wafer technology
High speed switching
tf= 95 ns typ. (at IC= 30 A, Resistive Load, VCC= 300 V, VGE= 15 V, Rg = 5Ω , Ta = 25°C)




Similar Part No. - RJH60F6DPK

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJH60F6DPK RENESAS-RJH60F6DPK_11 Datasheet
92Kb / 8P
   Silicon N Channel IGBT High Speed Power Switching
RJH60F6DPK RENESAS-RJH60F6DPK_15 Datasheet
92Kb / 8P
   Silicon N Channel IGBT High Speed Power Switching
More results


Similar Description - RJH60F6DPK

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SH28 HITACHI-2SH28 Datasheet
43Kb / 8P
   Silicon N Channel IGBT High Speed Power Switching
2SH30 HITACHI-2SH30 Datasheet
43Kb / 8P
   Silicon N Channel IGBT High Speed Power Switching
logo
Renesas Technology Corp
RJP6065DPM RENESAS-RJP6065DPM_15 Datasheet
99Kb / 8P
   Silicon N Channel IGBT High Speed Power Switching
RJH1CF5RDPQ-80 RENESAS-RJH1CF5RDPQ-80 Datasheet
105Kb / 7P
   Silicon N Channel IGBT High Speed Power Switching
RJH1CF7RDPQ-80 RENESAS-RJH1CF7RDPQ-80 Datasheet
105Kb / 7P
   Silicon N Channel IGBT High Speed Power Switching
RJP30K3DPP-M0 RENESAS-RJP30K3DPP-M0 Datasheet
99Kb / 7P
   Silicon N Channel IGBT High Speed Power Switching
RJP63K2DPK-M0 RENESAS-RJP63K2DPK-M0 Datasheet
160Kb / 7P
   Silicon N Channel IGBT High speed power switching
RJP60D0DPP-M0 RENESAS-RJP60D0DPP-M0 Datasheet
85Kb / 7P
   Silicon N Channel IGBT High Speed Power Switching
RJH60F0DPQ-A0 RENESAS-RJH60F0DPQ-A0 Datasheet
112Kb / 8P
   Silicon N Channel IGBT High Speed Power Switching
RJH1BF6RDPQ-80 RENESAS-RJH1BF6RDPQ-80 Datasheet
107Kb / 7P
   Silicon N Channel IGBT High Speed Power Switching
RJH1CF6RDPQ-80 RENESAS-RJH1CF6RDPQ-80 Datasheet
105Kb / 7P
   Silicon N Channel IGBT High Speed Power Switching
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com