Datasheet Search System

Mirror site :  alldatasheet.com,   alldatasheet.co.kr
Semiconductors, integrated circuits, diodes, triacs, and other semiconductors informations
Part Name    
    Description 
Shortcut : 2SD2250(2)  2SD2251(1)  2SD2252(1)  2SD2253(1)  2SD2254(2)  2SD2255(1)  2SD2256(1)  2SD2257(1)  2SD2258(1)  2SD2259(1)  

2SD2251 - Color TV Horizontal Deflection Output Applications   - Sanyo Semicon Device

Click Here View 2SD2251 Datasheet

Part No.

2SD2251

Description

Color TV Horizontal Deflection Output Applications  

Download

2SD2251 Click here to View

File Size

86.82 Kbytes / 3 Pages

Maker

SANYO [Sanyo Semicon Device]

Homepage

www.semic.sanyo.co.jp/english/index-e.html


Related Electronics Part Number
Part NumberComponents DescriptionManufacturer
2SC3998Very High-Definition Color Display Horizontal Deflection Output Applications   Sanyo Semicon Device
2SC4123Very High-Definition Color Display Horizontal Deflection Output Applications   Sanyo Semicon Device
2SC4124Very High-Definition Color Display Horizontal Deflection Output Applications   Sanyo Semicon Device
2SC4125Very High-Definition Color Display Horizontal Deflection Output Applications   Sanyo Semicon Device
2SC5142NPN TRIPLE DIFFUSED MESA TYPE HORIZONTAL DEFLECTION OUTPUT FOR HIGH RESOLUTION DISPLAY COLOR TV HIGH SPEED SWITCHING APPLICATIONS Toshiba Semiconductor
2SC5422NPN TRIPLE DIFFUSED MESA TYPE HORIZONTAL DEFLECTION OUTPUT FOR MEDIUM RESOLUTION DISPLAY COLOR TV FOR MULTI-MEDIA & HDTV HIGH SPEED SWITCHING APPLIC Toshiba Semiconductor
2SD2599NPN TRIPLE DIFFUSED MESA TYPE HORIZONTAL DEFLECTION OUTPUT FOR COLOR TV Toshiba Semiconductor
2SC4293Very High-Definition Color Display Horizontal Deflection Output Applications    Sanyo Semicon Device
2SD1883Color TV Horizontal Deflection Output Applications  Sanyo Semicon Device
HPA150RVery High-Definition Color Display Horizontal Deflection Output Applications            Sanyo Semicon Device

Link URL :
Related keyword
  2SD2251 Datasheet   2SD2251 Cross Reference   2SD2251 Schematic   2SD2251 Distributor   2SD2251 Datenblatt   2SD2251 RoHS
  2SD2251 Equivalent   2SD2251 Application Notes   2SD2251 Data Sheet   2SD2251 components   2SD2251 Fiche Technique   2SD2251 Circuit


All Rights Reserved© Alldatasheet.net 2003 - 2008   Contact us  Privacy Policy  Bookmark   Link Exchange  Site link  Manufacturer