Datasheet Search System
Mirror site :
alldatasheet.com,
alldatasheet.co.kr
Semiconductors, integrated circuits, diodes, triacs, and other semiconductors informations
Part Name
Included
start with
end
match
Description
Shortcut :
2SD2250
(2)
2SD2251
(1)
2SD2252
(1)
2SD2253
(1)
2SD2254
(2)
2SD2255
(1)
2SD2256
(1)
2SD2257
(1)
2SD2258
(1)
2SD2259
(1)
2SD2252 - Color TV Horizontal Deflection Outout Applications - Sanyo Semicon Device
Click Here View
2SD2252
Datasheet
Part No.
2SD2252
Description
Color TV Horizontal Deflection Outout Applications
Download
2SD2252
Click here
to View
File Size
84.36 Kbytes / 3 Pages
Maker
SANYO [Sanyo Semicon Device]
Homepage
www.semic.sanyo.co.jp/english/index-e.html
Related Electronics Part Number
Part Number
Components Description
Manufacturer
2SC3998
Very
High-Definition
Color
Display
Horizontal
Deflection
Output
Applications
Sanyo Semicon Device
2SC4123
Very
High-Definition
Color
Display
Horizontal
Deflection
Output
Applications
Sanyo Semicon Device
2SC4124
Very
High-Definition
Color
Display
Horizontal
Deflection
Output
Applications
Sanyo Semicon Device
2SD2251
Color
TV
Horizontal
Deflection
Output
Applications
Sanyo Semicon Device
2SC4125
Very
High-Definition
Color
Display
Horizontal
Deflection
Output
Applications
Sanyo Semicon Device
2SC3946
Silicon
NPN
triple
diffusion
planar
type
For
color
TV
horizontal
deflection
driver
Panasonic Semiconductor
2SC5142
NPN
TRIPLE
DIFFUSED
MESA
TYPE
HORIZONTAL
DEFLECTION
OUTPUT
FOR
HIGH
RESOLUTION
DISPLAY
COLOR
TV
HIGH
SPEED
SWITCHING
APPLICATIONS
Toshiba Semiconductor
2SC5422
NPN
TRIPLE
DIFFUSED
MESA
TYPE
HORIZONTAL
DEFLECTION
OUTPUT
FOR
MEDIUM
RESOLUTION
DISPLAY
COLOR
TV
FOR
MULTI-MEDIA
&
HDTV
HIGH
SPEED
SWITCHING
APPLIC
Toshiba Semiconductor
2SD2599
NPN
TRIPLE
DIFFUSED
MESA
TYPE
HORIZONTAL
DEFLECTION
OUTPUT
FOR
COLOR
TV
Toshiba Semiconductor
2SC4293
Very
High-Definition
Color
Display
Horizontal
Deflection
Output
Applications
Sanyo Semicon Device
Link URL :
Related keyword
2SD2252 Datasheet
2SD2252 Cross Reference
2SD2252 Schematic
2SD2252 Distributor
2SD2252 Datenblatt
2SD2252 RoHS
2SD2252 Equivalent
2SD2252 Application Notes
2SD2252 Data Sheet
2SD2252 components
2SD2252 Fiche Technique
2SD2252 Circuit
All Rights Reserved©
Alldatasheet.net
2003 - 2008
Contact us
Privacy Policy
Bookmark
Link Exchange
Site link
Manufacturer