Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6236A Datasheet (PDF) - Intersil Corporation

ISL6236A Datasheet PDF - Intersil Corporation
Part # ISL6236A
Download  ISL6236A Download

File Size   3120.79 Kbytes
Page   37 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description High-Efficiency, Quad-Output, Main Power Supply Controllers for Notebook Computers

ISL6236A Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL6236A Datasheet PDF - Intersil Corporation

Part # ISL6236A
Download  ISL6236A Click to download

File Size   3120.79 Kbytes
Page   37 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description High-Efficiency, Quad-Output, Main Power Supply Controllers for Notebook Computers

ISL6236A Datasheet (HTML) - Intersil Corporation

Back Button ISL6236A Datasheet HTML 1Page - Intersil Corporation ISL6236A Datasheet HTML 2Page - Intersil Corporation ISL6236A Datasheet HTML 3Page - Intersil Corporation ISL6236A Datasheet HTML 4Page - Intersil Corporation ISL6236A Datasheet HTML 5Page - Intersil Corporation ISL6236A Datasheet HTML 6Page - Intersil Corporation ISL6236A Datasheet HTML 7Page - Intersil Corporation ISL6236A Datasheet HTML 8Page - Intersil Corporation ISL6236A Datasheet HTML 9Page - Intersil Corporation ISL6236A Datasheet HTML 10Page - Intersil Corporation Next Button 

ISL6236A Product details

High-Efficiency, Quad-Output, Main Power Supply Controllers for Notebook Computers



The ISL6236A dual step-down, switch-mode power-supply (SMPS) controller generates logic-supply voltages in

battery-powered systems. The ISL6236A includes two pulse-width modulation (PWM) controllers, 5V/3.3V and

1.5V/1.05V. The output of SMPS1 can also be adjusted from 0.7V to 5.5V. The SMPS2 output can be adjusted from 0V to 2.5V by setting REFIN2 voltage.



Features

• Wide Input Voltage Range 4.5V to 25V

• Dual Fixed 1.05V/3.3V and 1.5V/5.0V Outputs or Adjustable 0.7V to 5.5V (SMPS1) and 0V to 2.5V (SMPS2), ±1.5% Accuracy

• Secondary Feedback Input (Maintains Charge Pump Voltage)

• 1.7ms Digital Soft-Start and Independent Shutdown

• Fixed 3.3V/5.0V, or Adjustable Output 0.7V to 4.5V, ±1.5% (LDO): 200mA

• 3.3V Reference Voltage ±2.0%: 5mA

• 2.0V Reference Voltage ±1.0%: 50µA

• Constant ON-TIME Control with 100ns Load-Step Response

• Frequency Selectable

•rDS(ON) Current Sensing

• Programmable Current Limit with Foldback Capability

• Selectable PWM, Skip or Ultrasonic Mode

• BOOT Voltage Monitor with Automatic Refresh

• Independent POK1 and POK2 Comparators

• Soft-Start with Pre-Biased Output and Soft-Stop

• Independent ENABLE

• High Efficiency - up to 97%

• Very High Light Load Efficiency (Skip Mode)

• 5mW Quiescent Power Dissipation

• Thermal Shutdown

• Extremely Low Component Count

• Pb-Free Plus Anneal Available (RoHS Compliant)



Applications

• Notebook and Sub-Notebook Computers

• PDAs and Mobile Communication Devices

• 3-Cell and 4-Cell Li+ Battery-Powered Devices

• DDR1, DDR2, and DDR3 Power Supplies

• Graphic Cards

• Game Consoles

• Telecommunications




Similar Part No. - ISL6236A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6236A RENESAS-ISL6236A Datasheet
3Mb / 37P
   High-Efficiency, Quad-Output, Main Power Supply Controllers for Notebook Computers
ISL6236AIRZ RENESAS-ISL6236AIRZ Datasheet
3Mb / 37P
   High-Efficiency, Quad-Output, Main Power Supply Controllers for Notebook Computers
ISL6236AIRZ-T RENESAS-ISL6236AIRZ-T Datasheet
3Mb / 37P
   High-Efficiency, Quad-Output, Main Power Supply Controllers for Notebook Computers
More results


Similar Description - ISL6236A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17003 MAXIM-MAX17003 Datasheet
610Kb / 36P
   High-Efficiency, Quad-Output, Main Power-Supply Controllers for Notebook Computers
19-0765; Rev 0; 3/07
MAX17003ETJ MAXIM-MAX17003ETJ Datasheet
610Kb / 36P
   High-Efficiency, Quad-Output, Main Power-Supply Controllers for Notebook Computers
Rev 0; 3/07
MAX17003A MAXIM-MAX17003A Datasheet
617Kb / 36P
   High-Efficiency, Quad-Output, Main Power- Supply Controllers for Notebook Computers
Rev 0; 6/07
MAX8732A MAXIM-MAX8732A Datasheet
1Mb / 33P
   High-Efficiency, Quad-Output, Main Power-Supply Controllers for Notebook Computers
Rev 0; 5/05
MAX8732 MAXIM-MAX8732 Datasheet
1Mb / 32P
   High-Efficiency, Quad-Output, Main Power-Supply Controllers for Notebook Computers
Rev 0; 8/04
logo
Renesas Technology Corp
ISL6236A RENESAS-ISL6236A Datasheet
3Mb / 37P
   High-Efficiency, Quad-Output, Main Power Supply Controllers for Notebook Computers
ISL6236 RENESAS-ISL6236 Datasheet
3Mb / 36P
   High-Efficiency, Quad-Output, Main Power Supply Controllers for Notebook Computers
logo
Intersil Corporation
ISL6237 INTERSIL-ISL6237 Datasheet
2Mb / 35P
   High-Efficiency, Quad-Output, Main Power Supply Controllers for Notebook Computers
logo
Maxim Integrated Produc...
MAX8744A MAXIM-MAX8744A Datasheet
607Kb / 36P
   High-Efficiency, Quad Output, Main Power- Supply Controllers for Notebook Computers
Rev 0; 6/07
logo
Renesas Technology Corp
ISL6237 RENESAS-ISL6237 Datasheet
3Mb / 35P
   High-Efficiency, Quad-Output, Main Power Supply Controllers for Notebook Computers
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com