Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL22319 Datasheet (PDF) - Intersil Corporation

ISL22319 Datasheet PDF - Intersil Corporation
Part # ISL22319
Download  ISL22319 Download

File Size   439.24 Kbytes
Page   13 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Single Digitally Controlled Potentiometer XDCP

ISL22319 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL22319 Datasheet PDF - Intersil Corporation

Part # ISL22319
Download  ISL22319 Click to download

File Size   439.24 Kbytes
Page   13 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Single Digitally Controlled Potentiometer XDCP

ISL22319 Datasheet (HTML) - Intersil Corporation

Back Button ISL22319 Datasheet HTML 1Page - Intersil Corporation ISL22319 Datasheet HTML 2Page - Intersil Corporation ISL22319 Datasheet HTML 3Page - Intersil Corporation ISL22319 Datasheet HTML 4Page - Intersil Corporation ISL22319 Datasheet HTML 5Page - Intersil Corporation ISL22319 Datasheet HTML 6Page - Intersil Corporation ISL22319 Datasheet HTML 7Page - Intersil Corporation ISL22319 Datasheet HTML 8Page - Intersil Corporation ISL22319 Datasheet HTML 9Page - Intersil Corporation ISL22319 Datasheet HTML 10Page - Intersil Corporation Next Button 

ISL22319 Product details

Low Noise, Low Power, I2C™ Bus, 128 Taps, Wiper Only

The ISL22319 integrates a single digitally controlled potentiometer (DCP) and non-volatile memory on a monolithic CMOS integrated circuit.
The digitally controlled potentiometer is implemented with a combination of resistor elements and CMOS switches. The position of the wipers are controlled by the user through the I2C bus interface. The potentiometer has an associated volatile Wiper Register (WR) and a non-volatile Initial Value Register (IVR) that can be directly written to and read by the user. The contents of the WR controls the position of the wiper. At power up the device recalls the content of the DCP’s IVR to the WR.

Features
• 128 resistor taps
• I2C serial interface
    - Two address pins, up to four devices/bus
• Non-volatile storage of wiper position
• Wiper resistance: 70Ω typical @ 3.3V
• Shutdown mode
• Shutdown current 5µA max
• Power supply: 2.7V to 5.5V
• 50kΩ or 10kΩ total resistance
• High reliability
    - Endurance: 1,000,000 data changes per bit per register
    - Register data retention: 50 years @ T ≤ +55°C
• 8 Ld MSOP
• Pb-free (RoHS compliant)




Similar Part No. - ISL22319

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL22319 INTERSIL-ISL22319 Datasheet
1Mb / 8P
   DIGITAL POTENTIOMETERS
logo
Renesas Technology Corp
ISL22319 RENESAS-ISL22319 Datasheet
873Kb / 13P
   Single Digitally Controlled Potentiometer (XDCP™) Low Noise, Low Power, I2C Bus, 128 Taps, Wiper Only
September 9, 2009
ISL22319UFU8Z RENESAS-ISL22319UFU8Z Datasheet
873Kb / 13P
   Single Digitally Controlled Potentiometer (XDCP™) Low Noise, Low Power, I2C Bus, 128 Taps, Wiper Only
September 9, 2009
ISL22319WFU8Z RENESAS-ISL22319WFU8Z Datasheet
873Kb / 13P
   Single Digitally Controlled Potentiometer (XDCP™) Low Noise, Low Power, I2C Bus, 128 Taps, Wiper Only
September 9, 2009
More results


Similar Description - ISL22319

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X93156 INTERSIL-X93156_07 Datasheet
190Kb / 7P
   Single Digitally Controlled Potentiometer (XDCP??
ISL22316 INTERSIL-ISL22316 Datasheet
546Kb / 15P
   Single Digitally Controlled Potentiometer XDCP
X9119 INTERSIL-X9119_08 Datasheet
287Kb / 17P
   Single Digitally-Controlled (XDCP?? Potentiometer
X9279 INTERSIL-X9279_09 Datasheet
437Kb / 18P
   Single Digitally-Controlled (XDCP?? Potentiometer
logo
Xilinx, Inc
X9119 XILINX-X9119 Datasheet
125Kb / 22P
   Single Digitally-Controlled (XDCP ??) Potentiometer
logo
Intersil Corporation
X9421 INTERSIL-X9421 Datasheet
367Kb / 21P
   Single Digitally Controlled (XDCP) Potentiometer
logo
Xicor Inc.
X9279 XICOR-X9279 Datasheet
398Kb / 24P
   Single Digitally-Controlled (XDCP) Potentiometer
X9421 XICOR-X9421 Datasheet
117Kb / 21P
   Single Digitally Controlled (XDCP) Potentiometer
logo
Intersil Corporation
X9429 INTERSIL-X9429_08 Datasheet
323Kb / 20P
   Single Digitally Controlled Potentiometer(XDCP??
X9271 INTERSIL-X9271_11 Datasheet
673Kb / 22P
   Single, Digitally Controlled (XDCP?? Potentiometer
ISL95810 INTERSIL-ISL95810 Datasheet
1Mb / 13P
   Single Digitally Controlled Potentiometer (XDCP)
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com