Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL12032 Datasheet (PDF) - Intersil Corporation

ISL12032 Datasheet PDF - Intersil Corporation
Part # ISL12032
Download  ISL12032 Download

File Size   348.33 Kbytes
Page   26 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Low Power RTC with Battery Backed SRAM and 50/60 Cycle AC Input and Xtal Back-up

ISL12032 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL12032 Datasheet PDF - Intersil Corporation

Part # ISL12032
Download  ISL12032 Click to download

File Size   348.33 Kbytes
Page   26 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Low Power RTC with Battery Backed SRAM and 50/60 Cycle AC Input and Xtal Back-up

ISL12032 Datasheet (HTML) - Intersil Corporation

Back Button ISL12032 Datasheet HTML 1Page - Intersil Corporation ISL12032 Datasheet HTML 2Page - Intersil Corporation ISL12032 Datasheet HTML 3Page - Intersil Corporation ISL12032 Datasheet HTML 4Page - Intersil Corporation ISL12032 Datasheet HTML 5Page - Intersil Corporation ISL12032 Datasheet HTML 6Page - Intersil Corporation ISL12032 Datasheet HTML 7Page - Intersil Corporation ISL12032 Datasheet HTML 8Page - Intersil Corporation ISL12032 Datasheet HTML 9Page - Intersil Corporation ISL12032 Datasheet HTML 10Page - Intersil Corporation Next Button 

ISL12032 Product details

Low Power RTC with Battery Backed SRAM and 50/60 Cycle AC Input and Xtal Back-up

The ISL12032 device is a low power real time clock with 50/60 AC input for timing synchronization. It also has an oscillator utilizing an external crystal for timing back-up, clock/calendar registers, intelligent battery back-up switching, battery voltage monitor, brownout indicator, integrated trickle charger for super capacitor, single periodic or polled alarms, POR supervisory function, and up to 4 Event Detect with time stamp. There are 128 bytes of battery-backed user SRAM.

Features
• 50/60 Cycle AC as a Primary Clock Input for RTC Timing
• Redundant Crystal Clock Input Selectable by User
    - Dynamically Switch from AC Clock Input to Crystal in Case of Power Failure
• Real Time Clock/Calendar
    - Tracks Time in Hours, Minutes, Seconds and Tenths of a Second
    - Day of the Week, Day, Month, and Year
• Auto Daylight Saving Time Correction
    - Programmable Forward and Backward Dates
• Security and Event Functions
    - Event Detection with Time Stamp
    - Stores First and Last Three Event Time Stamps
• Separate FOUT Pin
    - 7 Selectable Frequency Outputs
• Dual Alarms with Hardware and Register Indicators
    - Hardware Single Event or Pulse Interrupt Mode
• Automatic Backup to Battery or Super Capacitor
    - VBAT Operation Down to 1.8V
    - 1.0µA Battery Supply Current
• Two Battery Status Monitors with Selectable Levels
    - Seven Selectable Voltages for Each Level
    - 1st Level, Trip Points from 4.675V to 2.125V
    - 2nd Level, Trip Points from 4.125V to 1.875V
• VDD Power Brownout Monitor
    - Six Selectable Trip Levels, from 4.675V to 2.295V
• Time Stamp during Power-to-Battery and Battery-to-Power Switchover
• Integrated Trickle Charger
    - Four Selectable Charging Rates
• 128 Bytes Battery-Backed User SRAM
• I2C Interface
    - 400kHz Data Transfer Rate
• Pb-free (RoHS compliant)

Applications
• Utility Meters
• Control Applications
• Security Related Applications
• Vending Machines
• White Goods
• Consumer Electronics




Similar Part No. - ISL12032

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL12032 INTERSIL-ISL12032 Datasheet
768Kb / 6P
   High-Accuracy RTC Modules, Feature-Rich RTCs
ISL12032 INTERSIL-ISL12032 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL12032 RENESAS-ISL12032 Datasheet
1,010Kb / 26P
   Low Power RTC with Battery Backed SRAM and 50/60 Cycle AC Input and Crystal Back-up
ISL12032IVZ RENESAS-ISL12032IVZ Datasheet
1,010Kb / 26P
   Low Power RTC with Battery Backed SRAM and 50/60 Cycle AC Input and Crystal Back-up
ISL12032IVZ RENESAS-ISL12032IVZ Datasheet
1,010Kb / 26P
   Low Power RTC with Battery Backed SRAM and 50/60 Cycle AC Input and Crystal Back-up
More results


Similar Description - ISL12032

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL12032 RENESAS-ISL12032 Datasheet
1,010Kb / 26P
   Low Power RTC with Battery Backed SRAM and 50/60 Cycle AC Input and Crystal Back-up
ISL12030 RENESAS-ISL12030 Datasheet
1,010Kb / 26P
   Low Power RTC with Battery Backed SRAM and 50/60 Cycle AC Input and Crystal Back-up
logo
Intersil Corporation
ISL1209 INTERSIL-ISL1209 Datasheet
416Kb / 24P
   Low Power RTC with Battery Backed SRAM and Event Detection
ISL1219 INTERSIL-ISL1219 Datasheet
643Kb / 24P
   Low Power RTC with Battery Backed SRAM and Event Detection
ISL1209 INTERSIL-ISL1209_06 Datasheet
358Kb / 24P
   Low Power RTC with Battery Backed SRAM and Event Detection
logo
Renesas Technology Corp
ISL1219 RENESAS-ISL1219 Datasheet
994Kb / 24P
   Low Power RTC with Battery Backed SRAM and Event Detection
logo
Intersil Corporation
ISL1218 INTERSIL-ISL1218 Datasheet
351Kb / 21P
   Low Power RTC with Battery Backed SRAM
logo
Renesas Technology Corp
ISL1209 RENESAS-ISL1209 Datasheet
998Kb / 25P
   Low Power RTC with Battery Backed SRAM and Event Detection
ISL1221 RENESAS-ISL1221 Datasheet
995Kb / 24P
   Low Power RTC with Battery Backed SRAM and Event Detection
logo
Intersil Corporation
ISL1208 INTERSIL-ISL1208_06 Datasheet
348Kb / 21P
   Low Power RTC with Battery Backed SRAM
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com