Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TIM1414-7-252 Datasheet (PDF) - Toshiba Semiconductor

TIM1414-7-252 Datasheet PDF - Toshiba Semiconductor
Part # TIM1414-7-252
Download  TIM1414-7-252 Download

File Size   255.36 Kbytes
Page   4 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description HIGH POWER P1dB=38.0 dBm at 13.75 GHz to 14.5 GHz

TIM1414-7-252 Datasheet (PDF)

Go To PDF Page Download Datasheet
TIM1414-7-252 Datasheet PDF - Toshiba Semiconductor

Part # TIM1414-7-252
Download  TIM1414-7-252 Click to download

File Size   255.36 Kbytes
Page   4 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description HIGH POWER P1dB=38.0 dBm at 13.75 GHz to 14.5 GHz

TIM1414-7-252 Datasheet (HTML) - Toshiba Semiconductor

TIM1414-7-252 Datasheet HTML 1Page - Toshiba Semiconductor TIM1414-7-252 Datasheet HTML 2Page - Toshiba Semiconductor TIM1414-7-252 Datasheet HTML 3Page - Toshiba Semiconductor TIM1414-7-252 Datasheet HTML 4Page - Toshiba Semiconductor

TIM1414-7-252 Product details

FEATURES

HIGH POWER

  P1dB=38.0 dBm at 13.75 GHz to 14.5 GHz

HIGH GAIN

  G1dB=6.0 dB at 13.75 GHz to 14.5 GHz

BROAD BAND INTERNALLY MATCHED FET

HERMETICALLY SEALED PACKAGE




Similar Part No. - TIM1414-7-252

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TIM1414-7 TOSHIBA-TIM1414-7 Datasheet
147Kb / 5P
   MICROWAVE POWER GAAS FET
More results


Similar Description - TIM1414-7-252

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TIM1414-8-252 TOSHIBA-TIM1414-8-252 Datasheet
164Kb / 4P
   HIGH POWER P1dB=39.0 dBm at 13.75 GHz to 14.5 GHz
TIM1414-2-252 TOSHIBA-TIM1414-2-252 Datasheet
251Kb / 4P
   HIGH POWER P1dB=33.0 dBm at 13.75 GHz to 14.5 GHz
logo
Transcom, Inc.
TC1953A TRANSCOM-TC1953A Datasheet
74Kb / 3P
   13.75 - 14.5 GHz 21 dBm MMIC
TC4535 TRANSCOM-TC4535 Datasheet
97Kb / 3P
   13.75 - 14.5 GHz 1W MMIC
logo
List of Unclassifed Man...
TC4541 ETC-TC4541 Datasheet
85Kb / 3P
   13.75 - 14.5 GHz 2W MMIC
logo
Transcom, Inc.
TC4523 TRANSCOM-TC4523 Datasheet
102Kb / 3P
   13.75 - 14.5 GHz 0.5W MMIC
TC4542 TRANSCOM-TC4542 Datasheet
85Kb / 3P
   13.75 - 14.5 GHz 2 W MMIC
TC4522 TRANSCOM-TC4522 Datasheet
62Kb / 2P
   13.75 - 14.5 GHz 0.5 W MMIC
TC4531 TRANSCOM-TC4531 Datasheet
81Kb / 3P
   13.75 - 14.5 GHz 1 W MMIC
logo
Tyco Electronics
MAAPSS0111 MACOM-MAAPSS0111 Datasheet
145Kb / 6P
   1.25 W VSAT Power Amplifier 13.75-14.5 GHz
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com