Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DL-3148-023 Datasheet (PDF) - Sanyo Semicon Device

DL-3148-023 Datasheet PDF - Sanyo Semicon Device
Part # DL-3148-023
Download  DL-3148-023 Download

File Size   78.5 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description AlGalnP Laser Diode?

DL-3148-023 Datasheet (PDF)

Go To PDF Page Download Datasheet
DL-3148-023 Datasheet PDF - Sanyo Semicon Device

Part # DL-3148-023
Download  DL-3148-023 Click to download

File Size   78.5 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description AlGalnP Laser Diode?

DL-3148-023 Datasheet (HTML) - Sanyo Semicon Device

DL-3148-023 Datasheet HTML 1Page - Sanyo Semicon Device DL-3148-023 Datasheet HTML 2Page - Sanyo Semicon Device DL-3148-023 Datasheet HTML 3Page - Sanyo Semicon Device

DL-3148-023 Product details

Overview
DL-3148-023 is 635 nm (Typ.) AlGaInP laser diode with low threshold current. The low threshold current and short wavelength are achieved by the use of a strained multiple quantum well active layer. The lasing wavelength is 635 nm (Typ.) which is 8 times brighter than that of 670 nm lasers. DL-3148-023 is suitable for battery powered laser pointers due to its low operating current and voltage.

Features
• Short wavelength : 635 nm (Typ.)
• Low threshold current : Ith = 20 mA (Typ.)
• Output power : 3 mW CW
• Low operating voltage : Vop = 2.2 V (Typ.)
• Small package : 5.6 mmØ




Similar Part No. - DL-3148-023

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
DL-3148-021 SANYO-DL-3148-021 Datasheet
77Kb / 3P
   Index Guided AlGalnP Laser Diode?
More results


Similar Description - DL-3148-023

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
DL-3038-023 SANYO-DL-3038-023 Datasheet
77Kb / 3P
   AlGalnP Laser Diode?
DL-3147-041 SANYO-DL-3147-041 Datasheet
80Kb / 3P
   Index Guided AlGalnP Laser Diode?
DL-3147-141 SANYO-DL-3147-141 Datasheet
80Kb / 3P
   Index Guided AlGalnP Laser Diode?
DL-3147-161 SANYO-DL-3147-161 Datasheet
81Kb / 3P
   Index Guided AlGalnP Laser Diode
DL-3149-054 SANYO-DL-3149-054 Datasheet
80Kb / 3P
   Index Guided AlGalnP Laser Diode?
DL-3149-055 SANYO-DL-3149-055 Datasheet
77Kb / 3P
   Index Guided AlGalnP Laser Diode?
DL-3038-033 SANYO-DL-3038-033 Datasheet
80Kb / 3P
   Index Guided AlGalnP Laser Diode?
DL-3149-070 SANYO-DL-3149-070 Datasheet
76Kb / 3P
   Index Guided AlGalnP Laser Diode?
DL-3038-011 SANYO-DL-3038-011 Datasheet
77Kb / 3P
   Index Guided AlGalnP Laser Diode
DL-3038-041 SANYO-DL-3038-041 Datasheet
80Kb / 3P
   Index Guided AlGalnP Laser Diode?
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com