Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC143416PB Datasheet (PDF) - Freescale Semiconductor, Inc

MC143416PB Datasheet PDF - Freescale Semiconductor, Inc
Part # MC143416PB
Download  MC143416PB Download

File Size   744.23 Kbytes
Page   24 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description Dual 16-Bit Linear Codec-Filter

MC143416PB Datasheet (PDF)

Go To PDF Page Download Datasheet
MC143416PB Datasheet PDF - Freescale Semiconductor, Inc

Part # MC143416PB
Download  MC143416PB Click to download

File Size   744.23 Kbytes
Page   24 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description Dual 16-Bit Linear Codec-Filter

MC143416PB Datasheet (HTML) - Freescale Semiconductor, Inc

Back Button MC143416PB Datasheet HTML 1Page - Freescale Semiconductor, Inc MC143416PB Datasheet HTML 2Page - Freescale Semiconductor, Inc MC143416PB Datasheet HTML 3Page - Freescale Semiconductor, Inc MC143416PB Datasheet HTML 4Page - Freescale Semiconductor, Inc MC143416PB Datasheet HTML 5Page - Freescale Semiconductor, Inc MC143416PB Datasheet HTML 6Page - Freescale Semiconductor, Inc MC143416PB Datasheet HTML 7Page - Freescale Semiconductor, Inc MC143416PB Datasheet HTML 8Page - Freescale Semiconductor, Inc MC143416PB Datasheet HTML 9Page - Freescale Semiconductor, Inc MC143416PB Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button 

MC143416PB Product details

Dual 16-Bit Linear Codec-Filter

The MC143416 Dual 16–Bit Linear Codec–Filter is a single–chip implementation of the data conversion interface required to design high–speed modems meeting a wide range of standards such as ITU–T V.34 and V.90 modem. It includes two high performance Analog–to–Digital (A/D) and Digital–to–Analog (D/A) data converters. The device performs all filtering operations related to the conditioning and sample rate conversion of signals to and from the data interface. Output from both codecs (COder/DECoder) is in 16–bit 2s complement format.

MC143416 Features
• Fully–Differential Analog Circuit Design for Lowest Noise
• Two High Performance 16–Bit Sigma–Delta A/D and D/A Converters
• Band–Pass and Low–Pass Filtering for Both Codecs is Performed On–Chip
• Power Monitor Circuit
• Single 5 V ± 5% Power Supply
• Two Configurable Serial Ports
• On–Chip Precision Reference Voltage
• On–Chip Speaker Driver and Mixer with Programmable Gain — Capable of Delivering 15 mW of Power into a Small Speaker (32 Ω)
• Bandwidth is 0.425 * FS
• No External Filtering Required Because of Flat Response Over Passband
• Capable of Providing the Analog Front End for Wide Range of Modem Standards




Similar Part No. - MC143416PB

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC143421 MOTOROLA-MC143421 Datasheet
193Kb / 11P
   PCI Bus Interface
MC143421FU MOTOROLA-MC143421FU Datasheet
193Kb / 11P
   PCI Bus Interface
More results


Similar Description - MC143416PB

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC145483 MOTOROLA-MC145483 Datasheet
220Kb / 19P
   3V 13-BIT LINEAR PCM CODEC-FILTER
MC145482 MOTOROLA-MC145482 Datasheet
221Kb / 19P
   5V 13-BIT LINEAR PCM CODEC-FILTER
logo
Freescale Semiconductor...
MC145483ENR2 FREESCALE-MC145483ENR2 Datasheet
1Mb / 24P
   3 V 13-BIT LINEAR PCM CODEC-FILTER
logo
Motorola, Inc
MC145402 MOTOROLA-MC145402 Datasheet
137Kb / 16P
   Serial 13-Bit Linear Codec
logo
Micronas
MAS9090B MICRONAS-MAS9090B Datasheet
564Kb / 30P
   LOW VOLTAGE 14-BIT LINEAR CODEC
logo
Cirrus Logic
CS4218 CIRRUS-CS4218 Datasheet
586Kb / 44P
   16-Bit Stereo Audio Codec
CS4216 CIRRUS-CS4216 Datasheet
799Kb / 58P
   16-Bit Stereo Audio Codec
CS4215 CIRRUS-CS4215 Datasheet
878Kb / 52P
   16-Bit Multimedia Audio Codec
logo
Maxim Integrated Produc...
MAX9860 MAXIM-MAX9860_09 Datasheet
931Kb / 40P
   16-Bit Mono Audio Voice Codec
Rev 1; 9/09
MAX9860 MAXIM-MAX9860_12 Datasheet
822Kb / 38P
   16-Bit Mono Audio Voice Codec
Rev 2; 2/12
More results




About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com