Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5211T Datasheet (PDF) - Intersil Corporation

EL5211T Datasheet PDF - Intersil Corporation
Part # EL5211T
Download  EL5211T Download

File Size   403.61 Kbytes
Page   15 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 60MHz Rail-to-Rail Input-Output Operational Amplifier

EL5211T Datasheet (PDF)

Go To PDF Page Download Datasheet
EL5211T Datasheet PDF - Intersil Corporation

Part # EL5211T
Download  EL5211T Click to download

File Size   403.61 Kbytes
Page   15 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 60MHz Rail-to-Rail Input-Output Operational Amplifier

EL5211T Datasheet (HTML) - Intersil Corporation

Back Button EL5211T Datasheet HTML 1Page - Intersil Corporation EL5211T Datasheet HTML 2Page - Intersil Corporation EL5211T Datasheet HTML 3Page - Intersil Corporation EL5211T Datasheet HTML 4Page - Intersil Corporation EL5211T Datasheet HTML 5Page - Intersil Corporation EL5211T Datasheet HTML 6Page - Intersil Corporation EL5211T Datasheet HTML 7Page - Intersil Corporation EL5211T Datasheet HTML 8Page - Intersil Corporation EL5211T Datasheet HTML 9Page - Intersil Corporation EL5211T Datasheet HTML 10Page - Intersil Corporation Next Button 

EL5211T Product details

The EL5111, EL5211, and EL5411 are low power, high voltage rail-to-rail input-output amplifiers. The EL5111 represents a single amplifier, the EL5211 contains two amplifiers, and the EL5411 contains four amplifiers. Operating on supplies ranging from 5V to 15V, while consuming only 2.5mA per amplifier, the EL5111, EL5211, and EL5411 have a bandwidth of 60MHz (-3dB). They also provide common mode input ability beyond the supply rails, as well as rail-to-rail output capability. This enables these amplifiers to offer maximum dynamic range at any supply voltage.



Features

• Pb-free plus anneal available (RoHS compliant)

• 60MHz -3dB bandwidth

• Supply voltage = 4.5V to 16.5V

• Low supply current (per amplifier) = 2.5mA

• High slew rate = 75V/µs

• Unity-gain stable

• Beyond the rails input capability

• Rail-to-rail output swing

• ±180mA output short current



Applications

• TFT-LCD panels

•VCOMamplifiers

• Drivers for A-to-D converters

• Data acquisition

• Video processing

• Audio processing




Similar Part No. - EL5211T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL5211T RENESAS-EL5211T Datasheet
850Kb / 15P
   60MHz Rail-to-Rail Input-Output Operational Amplifier
May 12, 2010
EL5211TILZ-T13 RENESAS-EL5211TILZ-T13 Datasheet
850Kb / 15P
   60MHz Rail-to-Rail Input-Output Operational Amplifier
May 12, 2010
EL5211TIYEZ RENESAS-EL5211TIYEZ Datasheet
850Kb / 15P
   60MHz Rail-to-Rail Input-Output Operational Amplifier
May 12, 2010
EL5211TIYEZ-T13 RENESAS-EL5211TIYEZ-T13 Datasheet
850Kb / 15P
   60MHz Rail-to-Rail Input-Output Operational Amplifier
May 12, 2010
EL5211TIYEZ-T7 RENESAS-EL5211TIYEZ-T7 Datasheet
850Kb / 15P
   60MHz Rail-to-Rail Input-Output Operational Amplifier
May 12, 2010
More results


Similar Description - EL5211T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5111TIWTZ-T7 INTERSIL-EL5111TIWTZ-T7 Datasheet
355Kb / 14P
   60MHz Rail-to-Rail Input-Output Operational Amplifier
May 27, 2010
EL5411T INTERSIL-EL5411T_10 Datasheet
815Kb / 16P
   60MHz Rail-to-Rail Input-Output Operational Amplifier
logo
Renesas Technology Corp
EL5211T RENESAS-EL5211T Datasheet
850Kb / 15P
   60MHz Rail-to-Rail Input-Output Operational Amplifier
May 12, 2010
EL5411T RENESAS-EL5411T Datasheet
1,002Kb / 16P
   60MHz Rail-to-Rail Input-Output Operational Amplifier
August 3, 2010
EL5111T RENESAS-EL5111T Datasheet
689Kb / 14P
   60MHz Rail-to-Rail Input-Output Operational Amplifier
logo
Intersil Corporation
EL5111T INTERSIL-EL5111T Datasheet
358Kb / 14P
   60MHz Rail-to-Rail Input-Output Operational Amplifier
EL5411T INTERSIL-EL5411T Datasheet
695Kb / 16P
   60MHz Rail-to-Rail Input-Output Operational Amplifier
logo
Linear Technology
LT6234 LINER-LT6234_15 Datasheet
778Kb / 24P
   60MHz, Rail-to-Rail Output
logo
Intersil Corporation
EL5111 INTERSIL-EL5111_07 Datasheet
493Kb / 18P
   60MHz Rail-to-Rail Input-Output Op Amps
logo
Linear Technology
LT6233-10 LINER-LT6233-10_15 Datasheet
778Kb / 24P
   60MHz, Rail-to-Rail Output
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com