Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L79M10T Datasheet (PDF) - Sanyo Semicon Device

L79M10T Datasheet PDF - Sanyo Semicon Device
Part # L79M10T
Download  L79M10T Download

File Size   140.29 Kbytes
Page   5 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description -5 to -12V 0.5A 3-Pin Voltage Regulators

L79M10T Datasheet (PDF)

Go To PDF Page Download Datasheet
L79M10T Datasheet PDF - Sanyo Semicon Device

Part # L79M10T
Download  L79M10T Click to download

File Size   140.29 Kbytes
Page   5 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description -5 to -12V 0.5A 3-Pin Voltage Regulators

L79M10T Datasheet (HTML) - Sanyo Semicon Device

L79M10T Datasheet HTML 1Page - Sanyo Semicon Device L79M10T Datasheet HTML 2Page - Sanyo Semicon Device L79M10T Datasheet HTML 3Page - Sanyo Semicon Device L79M10T Datasheet HTML 4Page - Sanyo Semicon Device L79M10T Datasheet HTML 5Page - Sanyo Semicon Device

L79M10T Product details

Features
• Output voltage
    L79M05T : –5V L79M06T : –6V L79M08T : –8V
    L79M09T : –9V L79M10T : –10V L79M12T : –12V
• 500mA output.
• Small-sized power package TP-3H permitting the equipment to be made compact.
• The allowable power dissipation can be increased by being surface-mounted on the board.
• Capable of being mounted in a variety of methods because of various lead forming versions available.
• On-chip protectors (overcurrent limiter, ASO protector, thermal protector).
• Can meet tape-used automatic mounting requirements.




Similar Part No. - L79M10T

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
L79M00T SANYO-L79M00T Datasheet
105Kb / 5P
   ?? to ??2V 0.5A 3-Pin Voltage Regulators
L79M00T SANYO-L79M00T_09 Datasheet
105Kb / 5P
   ?? to ??2V 0.5A 3-Pin Voltage Regulators
L79MOOT SANYO-L79MOOT Datasheet
109Kb / 4P
   L79MOOT
More results


Similar Description - L79M10T

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
L78MR00 SANYO-L78MR00 Datasheet
295Kb / 10P
   5 to 12V 0.5A 5-Pin Voltage Regulators with Reset Function?
L78MR00 SANYO-L78MR00_10 Datasheet
304Kb / 10P
   5 to 12V 0.5A 5-Pin Voltage Regulators with Reset Function
L78M00T SANYO-L78M00T_10 Datasheet
58Kb / 8P
   5 to 24V 0.5A 3-Pin Voltage Regulators
L78M00T SANYO-L78M00T Datasheet
230Kb / 8P
   5 to 24V 0.5A 3-Pin Voltage Regulators
L79M00T SANYO-L79M00T_09 Datasheet
105Kb / 5P
   ?? to ??2V 0.5A 3-Pin Voltage Regulators
L780S00 SANYO-L780S00 Datasheet
261Kb / 9P
   5 to 24V 1A 5-Pin Voltage Regulators with Strobe Pin
logo
Toshiba Semiconductor
TA78M05S TOSHIBA-TA78M05S Datasheet
679Kb / 20P
   0.5A THREE TERMINAL POSITIVE VOLTAGE REGULATORS
TA78M05SB TOSHIBA-TA78M05SB Datasheet
631Kb / 19P
   0.5A THREE TERMINAL PLSITIVE VOLTAGE REGULATORS
TA78M05F TOSHIBA-TA78M05F Datasheet
669Kb / 20P
   0.5A THREE TERMINAL POSITIVE VOLTAGE REGULATORS
logo
Diodes Incorporated
AP78L12 DIODES-AP78L12 Datasheet
261Kb / 9P
   12V OUTPUT 3-TERMINAL POSITIVE REGULATORS
AP78L12 Rev. 1
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com