Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LA2230M Datasheet (PDF) - Sanyo Semicon Device

LA2230M Datasheet PDF - Sanyo Semicon Device
Part # LA2230M
Download  LA2230M Download

File Size   138.49 Kbytes
Page   6 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description RDS Decoder

LA2230M Datasheet (PDF)

Go To PDF Page Download Datasheet
LA2230M Datasheet PDF - Sanyo Semicon Device

Part # LA2230M
Download  LA2230M Click to download

File Size   138.49 Kbytes
Page   6 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description RDS Decoder

LA2230M Datasheet (HTML) - Sanyo Semicon Device

LA2230M Datasheet HTML 1Page - Sanyo Semicon Device LA2230M Datasheet HTML 2Page - Sanyo Semicon Device LA2230M Datasheet HTML 3Page - Sanyo Semicon Device LA2230M Datasheet HTML 4Page - Sanyo Semicon Device LA2230M Datasheet HTML 5Page - Sanyo Semicon Device LA2230M Datasheet HTML 6Page - Sanyo Semicon Device

LA2230M Product details

Overview
The LA2230 and LA2230M are RDS demodulator ICs with an on-chip 57kHz bandpass filter and ARI-SK and DK signal identifiers. A high-performance, cost-effective RDS decoder system with group/block synchronization and error detection/correction can be built using an LC7070 series device with the LA2230 or LA2230M.
LA2230 and LA2230M feature adjustable ARI detection sensitivity for improved interference rejection and a highspeed charging circuit for rapid power-on start-up. Including the 57kHz bandpass filter on-chip results in lower-cost designs that use less PCB area.
The LA2230 and LA2230M operate from a 5V supply and are avilable in 24-pin DIPs and 24-pin MFPs, respectively.

Features
• 57kHz bandpass filter.
• Adjustable ARI detection sensitivity.
• High-speed charging circuit.
• ARI and RDS signal demodulation.
• Bit-rate clock recovery.
• RDS, DK and SK identification outputs.
• 5V supply.
• 24-pin DIP (LA2230) and 24-pin MFP (LA2230M)




Similar Part No. - LA2230M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA2231 SANYO-LA2231 Datasheet
259Kb / 6P
   RDS Signal Demodulator
LA2231M SANYO-LA2231M Datasheet
259Kb / 6P
   RDS Signal Demodulator
LA2232 SANYO-LA2232 Datasheet
245Kb / 9P
   RDS Decorder
LA2232 SANYO-LA2232 Datasheet
247Kb / 9P
   RDS Decorder
LA2232M SANYO-LA2232M Datasheet
245Kb / 9P
   RDS Decorder
More results


Similar Description - LA2230M

ManufacturerPart #DatasheetDescription
logo
Rohm
BU1924 ROHM-BU1924 Datasheet
81Kb / 5P
   RDS / RBDS decoder
BU1920 ROHM-BU1920 Datasheet
96Kb / 7P
   RDS / RBDS decoder
BU1923 ROHM-BU1923 Datasheet
83Kb / 6P
   RDS / RBDS decoder
logo
Micronas
MAS7848L MICRONAS-MAS7848L Datasheet
378Kb / 5P
   RDS MODEM / MANCHESTER DECODER
logo
Rohm
BU2661FV ROHM-BU2661FV Datasheet
83Kb / 6P
   Low-voltage RDS / RBDS decoder
logo
SamHop Microelectronics...
SM5032C SAMHOP-SM5032C Datasheet
28Kb / 6P
   DECODER
logo
Sanyo Semicon Device
LA2232 SANYO-LA2232 Datasheet
245Kb / 9P
   RDS Decorder
STK311-110 SANYO-STK311-110 Datasheet
149Kb / 5P
   RDS Demodulator
LA2232 SANYO-LA2232 Datasheet
247Kb / 9P
   RDS Decorder
STK311-120 SANYO-STK311-120 Datasheet
97Kb / 6P
   RDS Demodulator
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com