Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LA3335M Datasheet (PDF) - Sanyo Semicon Device

LA3335M Datasheet PDF - Sanyo Semicon Device
Part # LA3335M
Download  LA3335M Download

File Size   107.9 Kbytes
Page   6 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description PLL FM Multiplex Demodulator for 3 V Headphone Stereos and Radio-cassette Recorders

LA3335M Datasheet (PDF)

Go To PDF Page Download Datasheet
LA3335M Datasheet PDF - Sanyo Semicon Device

Part # LA3335M
Download  LA3335M Click to download

File Size   107.9 Kbytes
Page   6 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description PLL FM Multiplex Demodulator for 3 V Headphone Stereos and Radio-cassette Recorders

LA3335M Datasheet (HTML) - Sanyo Semicon Device

LA3335M Datasheet HTML 1Page - Sanyo Semicon Device LA3335M Datasheet HTML 2Page - Sanyo Semicon Device LA3335M Datasheet HTML 3Page - Sanyo Semicon Device LA3335M Datasheet HTML 4Page - Sanyo Semicon Device LA3335M Datasheet HTML 5Page - Sanyo Semicon Device LA3335M Datasheet HTML 6Page - Sanyo Semicon Device

LA3335M Product details

Overview

The LA3335M is PLL FM stereo multiplex demodulator IC designed for use in headphone stereos, etc. which operate from a low supply voltage.



Applications

. FM Multiplex IC for 3 V headphones, radio-cassette recorders



Functions

. PLL FM stereo decoder, VCO stop, stereo indicator



Features

. Wide operating voltage range : 1.8 to 6 V

. Low current dissipation : 1.6 mA

. Minimum number of external parts required




Similar Part No. - LA3335M

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LA3330 LIGITEK-LA3330 Datasheet
1Mb / 5P
   ROUND TYPE LED LAMPS
LA3331-PF LIGITEK-LA3331-PF Datasheet
111Kb / 6P
   ROUND TYPE LED LAMPS
logo
Siemens Semiconductor G...
LA3336-RU SIEMENS-LA3336-RU Datasheet
52Kb / 7P
   Hyper 3 mm T1 LED, Non Diffused Hyper-Bright LED
LA3336-S SIEMENS-LA3336-S Datasheet
52Kb / 7P
   Hyper 3 mm T1 LED, Non Diffused Hyper-Bright LED
LA3336-SV SIEMENS-LA3336-SV Datasheet
52Kb / 7P
   Hyper 3 mm T1 LED, Non Diffused Hyper-Bright LED
More results


Similar Description - LA3335M

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTCCXA1191 UTC-UTCCXA1191 Datasheet
115Kb / 7P
   FM/AM Radio (for radio-cassette tape recorders and headphone tape recorders.)
logo
Sanyo Semicon Device
LA1816 SANYO-LA1816 Datasheet
400Kb / 11P
   Single-Chip AM/FM, MPX Tuner System for Headphone Stereos, Radio-Cassette Recorders
LA3361 SANYO-LA3361 Datasheet
212Kb / 8P
   PLL FM Multiplex Stereo Demodulator
LA1186N SANYO-LA1186N Datasheet
279Kb / 5P
   FM Front End for Radio-Cassette Recorders, Music Centers
LA3370 SANYO-LA3370 Datasheet
389Kb / 11P
   PLL FM Multiplex Stereo Demodulator for Car Stereo
logo
Panasonic Semiconductor
AN7465K-S PANASONIC-AN7465K-S Datasheet
334Kb / 9P
   FM NOISE CANCELLER/STEREO MULTIPLEX DEMODULATOR FOR CAR RADIO
logo
NXP Semiconductors
TDA9816M PHILIPS-TDA9816M Datasheet
286Kb / 44P
   Multistandard multimedia IF-PLL and FM radio demodulator
1997 Nov 19
logo
Sanyo Semicon Device
LA3373 SANYO-LA3373 Datasheet
178Kb / 4P
   Pilot Cancel-Provided PLL FM MPX Demodulator for Car Stereos
LA3376 SANYO-LA3376 Datasheet
290Kb / 12P
   Pilot Cancel-Provided PLL FM MPX Demodulator for Car Stereos
LA3375 SANYO-LA3375 Datasheet
287Kb / 11P
   Pilot Cancel-Provided PLL FM MPX Demodulator for Car Stereos
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com