Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LA4280 Datasheet (PDF) - Sanyo Semicon Device

LA4280 Datasheet PDF - Sanyo Semicon Device
Part # LA4280
Download  LA4280 Download

File Size   64.98 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 2-Channel 10W AF Power Amp for Home Stereo, TV Use

LA4280 Datasheet (PDF)

Go To PDF Page Download Datasheet
LA4280 Datasheet PDF - Sanyo Semicon Device

Part # LA4280
Download  LA4280 Click to download

File Size   64.98 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 2-Channel 10W AF Power Amp for Home Stereo, TV Use

LA4280 Datasheet (HTML) - Sanyo Semicon Device

LA4280 Datasheet HTML 1Page - Sanyo Semicon Device LA4280 Datasheet HTML 2Page - Sanyo Semicon Device LA4280 Datasheet HTML 3Page - Sanyo Semicon Device

LA4280 Product details

Features

• High-power 2-channel AF power amplifier.

• Low distortion.

• Minimum number of external parts requierd (no boot strap capacitor requierd).

• Low pop noise at the time of power switch ON/OFF.

• Excellent ripple rejection (58dB typ).

• Wide operating voltage range (10V to 40V).

• External muting available.

• On-chip protector against abnormalities (thermal shutdown, overvoltage).




Similar Part No. - LA4280

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA4282 SANYO-LA4282 Datasheet
151Kb / 6P
   2-Channel 10 W AF Power Amplifier for Use in Home Stereo, TV Applications
logo
ON Semiconductor
LA4282 ONSEMI-LA4282 Datasheet
167Kb / 7P
   8-bit Withstand Voltage Microcontroller
July 2015- Rev. 0
logo
Sanyo Semicon Device
LA4285 SANYO-LA4285 Datasheet
144Kb / 4P
   LA4285
LA4287 SANYO-LA4287 Datasheet
144Kb / 4P
   LA4285
logo
Panasonic Semiconductor
LA4289N PANASONIC-LA4289N Datasheet
55Kb / 1P
   Audio Power AMP
More results


Similar Description - LA4280

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA4275 SANYO-LA4275 Datasheet
42Kb / 2P
   6.0 W AF Power Amplifier for Home Stereo, TV Use
LA4282 SANYO-LA4282 Datasheet
151Kb / 6P
   2-Channel 10 W AF Power Amplifier for Use in Home Stereo, TV Applications
LA4631VC SANYO-LA4631VC Datasheet
427Kb / 7P
   For Home Audio Use 2-Channel SE AF Power Amplifier
logo
ON Semiconductor
LA4631VC-XE ONSEMI-LA4631VC-XE Datasheet
307Kb / 7P
   2-Channel SE AF Power Amplifier for Home Audio Use
May, 2013
logo
Sanyo Semicon Device
LA4557 SANYO-LA4557 Datasheet
273Kb / 8P
   2-Channel AF Power Amp for Radio, Tape Recorder Use
LA4550 SANYO-LA4550 Datasheet
284Kb / 9P
   2-Channel AF Power Amp for Radio, Tape Recorder Use
LA4465 SANYO-LA4465 Datasheet
143Kb / 3P
   BTL-OCL 12W AF Power Amp For Car Stereo Use
LA4497 SANYO-LA4497 Datasheet
89Kb / 2P
   Car Stereo-Use BTL-OCL 20W AF Power Amp?
LA4495 SANYO-LA4495 Datasheet
619Kb / 13P
   Car Stereo-Use BTL-OCL 20W AF Power Amp
logo
Princeton Technology Co...
PT2315E PTC-PT2315E Datasheet
173Kb / 5P
   Stereo Audio Processor for Home TV Audio
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com