Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LB1257 Datasheet (PDF) - Sanyo Semicon Device

LB1257 Datasheet PDF - Sanyo Semicon Device
Part # LB1257
Download  LB1257 Download

File Size   57.7 Kbytes
Page   2 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 8-Unit, Low-Saturation Driver????

LB1257 Datasheet (PDF)

Go To PDF Page Download Datasheet
LB1257 Datasheet PDF - Sanyo Semicon Device

Part # LB1257
Download  LB1257 Click to download

File Size   57.7 Kbytes
Page   2 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 8-Unit, Low-Saturation Driver????

LB1257 Datasheet (HTML) - Sanyo Semicon Device

LB1257 Datasheet HTML 1Page - Sanyo Semicon Device LB1257 Datasheet HTML 2Page - Sanyo Semicon Device

LB1257 Product details

Features
• Large current capacity (400mA) and ow saturation voltage (0.5V max),
• With spark killer diode provided.

Applications
• 4-phase stepping motor driver of 2 channels.
• Especially suited for X-Y plotter driver (Meeting the requirements for Alps DPG plotter).
• General-purpose 8-unit large current & low saturation voltage driver (Relay, LED, lamp, solenoid, etc.).




Similar Part No. - LB1257

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LB1254P ETC2-LB1254P Datasheet
189Kb / 4P
   Enclosed Isolators 3, 4, 6 and 8 Poles
logo
Sanyo Semicon Device
LB1256 SANYO-LB1256 Datasheet
49Kb / 2P
   Printer Driver
LB1256M SANYO-LB1256M Datasheet
54Kb / 2P
   Printer Driver?
LB1258 SANYO-LB1258 Datasheet
53Kb / 2P
   7-Unit, Low-Saturation Driver?
logo
Dc Components
LB125E DCCOM-LB125E Datasheet
196Kb / 1P
   TECHNICAL SPECIFICATIONS OF NPN EPITAXIAL PLANAR TRANSISTOR
More results


Similar Description - LB1257

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1258 SANYO-LB1258 Datasheet
53Kb / 2P
   7-Unit, Low-Saturation Driver?
LB1247 SANYO-LB1247 Datasheet
65Kb / 3P
   Active-Low Input,8-Unit, High-Current, Low-Saturation Driver?
LB1249 SANYO-LB1249 Datasheet
67Kb / 3P
   Active-Low Input,8-Unit, High-Current, Low-Saturation Driver???
LB1265 SANYO-LB1265 Datasheet
57Kb / 2P
   8-Channel Low-Saturation Driver?
logo
Toshiba Semiconductor
TD62306P TOSHIBA-TD62306P Datasheet
253Kb / 7P
   6CH LOW SATURATION SINK DRIVER
TD62307P TOSHIBA-TD62307P Datasheet
256Kb / 7P
   7CH LOW SATURATION SINK DRIVER
logo
ON Semiconductor
LB1838JM ONSEMI-LB1838JM Datasheet
72Kb / 5P
   Low-Saturation Bidirectional Motor Driver
June, 2013
logo
Toshiba Semiconductor
TD62381FN TOSHIBA-TD62381FN Datasheet
202Kb / 5P
   8CH LOW SATURATION SINK DRIVER
TD62301P TOSHIBA-TD62301P Datasheet
259Kb / 7P
   7CH LOW SATURATION SINK DRIVER
TD62381P TOSHIBA-TD62381P Datasheet
252Kb / 7P
   8CH LOW SATURATION SINK DRIVER
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com