Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LB1288 Datasheet (PDF) - Sanyo Semicon Device

LB1288 Datasheet PDF - Sanyo Semicon Device
Part # LB1288
Download  LB1288 Download

File Size   76.69 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Darlington Transistor Array

LB1288 Datasheet (PDF)

Go To PDF Page Download Datasheet
LB1288 Datasheet PDF - Sanyo Semicon Device

Part # LB1288
Download  LB1288 Click to download

File Size   76.69 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Darlington Transistor Array

LB1288 Datasheet (HTML) - Sanyo Semicon Device

LB1288 Datasheet HTML 1Page - Sanyo Semicon Device LB1288 Datasheet HTML 2Page - Sanyo Semicon Device LB1288 Datasheet HTML 3Page - Sanyo Semicon Device

LB1288 Product details

Overview
These ICs have circuit configuration of 5-unit Darlington transistor array consisting of NPN transistors and are capable of causing small input current to provide large current drive. They can be advantageously incorporated in equipment because the specially designed 14-pin DIP makes such equipment more compact.

Features
• Large maximum drive current : 400mA
• Large allowable power dissipation : 1.15W
• Wide range of operating supply voltage. LB1287 5 to 30V, LB1288 5 to 20V
• Wide range of operating temperature. –20 to +80˚C
• Large current-amplification factor : 2000 or more

Applications
• Various types of driver (relay, solenoid, motor, etc.).
• Display segment or digit driver (LED, lamp).
• Interface to MOS or bipolar logic IC.
• Power amplification of pulse (fan-out extension, etc.).




Similar Part No. - LB1288

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
LB1201AB POINN-LB1201AB Datasheet
286Kb / 14P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
logo
List of Unclassifed Man...
LB1201AB ETC1-LB1201AB Datasheet
649Kb / 15P
   LH1263 E&M Signaling Circuit
logo
Power Innovations Ltd
LB1201AS POINN-LB1201AS Datasheet
286Kb / 14P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
logo
List of Unclassifed Man...
LB1201AS ETC1-LB1201AS Datasheet
649Kb / 15P
   LH1263 E&M Signaling Circuit
logo
Sanyo Semicon Device
LB1205 SANYO-LB1205 Datasheet
70Kb / 2P
   High-Voltage, High- Current Darlington Driver
More results


Similar Description - LB1288

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ULQ2003A TI-ULQ2003A Datasheet
143Kb / 9P
[Old version datasheet]   DARLINGTON TRANSISTOR ARRAY
ULN2803A TI-ULN2803A_09 Datasheet
436Kb / 12P
[Old version datasheet]   DARLINGTON TRANSISTOR ARRAY
ULN2803A TI-ULN2803A Datasheet
240Kb / 10P
[Old version datasheet]   DARLINGTON TRANSISTOR ARRAY
logo
List of Unclassifed Man...
FT5761M ETC1-FT5761M Datasheet
6Kb / 1P
   DARLINGTON TRANSISTOR ARRAY
logo
Texas Instruments
ULN2803A TI-ULN2803A_06 Datasheet
353Kb / 11P
[Old version datasheet]   DARLINGTON TRANSISTOR ARRAY
logo
Fujitsu Component Limit...
FT5763M FUJITSU-FT5763M Datasheet
132Kb / 2P
   SILICON DARLINGTON TRANSISTOR ARRAY
FT5754M FUJITSU-FT5754M Datasheet
135Kb / 2P
   SILICON DARLINGTON TRANSISTOR ARRAY
FT5764M FUJITSU-FT5764M Datasheet
130Kb / 2P
   SILICON DARLINGTON TRANSISTOR ARRAY
logo
Texas Instruments
ULN2803C TI-ULN2803C Datasheet
1Mb / 20P
[Old version datasheet]   ULN2803C Darlington Transistor Array
AUGUST 2022
logo
First Silicon Co., Ltd
FD62003AP FS-FD62003AP Datasheet
259Kb / 6P
   7 CIRCUIT DARLINGTON TRANSISTOR ARRAY
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com