Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC321664AJ Datasheet (PDF) - Sanyo Semicon Device

LC321664AJ Datasheet PDF - Sanyo Semicon Device
Part # LC321664AJ
Download  LC321664AJ Download

File Size   964.56 Kbytes
Page   30 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 1 MEG (65536 words X 16 bits) DRAM Fast Page Mode, Byte Write

LC321664AJ Datasheet (PDF)

Go To PDF Page Download Datasheet
LC321664AJ Datasheet PDF - Sanyo Semicon Device

Part # LC321664AJ
Download  LC321664AJ Click to download

File Size   964.56 Kbytes
Page   30 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 1 MEG (65536 words X 16 bits) DRAM Fast Page Mode, Byte Write

LC321664AJ Datasheet (HTML) - Sanyo Semicon Device

Back Button LC321664AJ Datasheet HTML 1Page - Sanyo Semicon Device LC321664AJ Datasheet HTML 2Page - Sanyo Semicon Device LC321664AJ Datasheet HTML 3Page - Sanyo Semicon Device LC321664AJ Datasheet HTML 4Page - Sanyo Semicon Device LC321664AJ Datasheet HTML 5Page - Sanyo Semicon Device LC321664AJ Datasheet HTML 6Page - Sanyo Semicon Device LC321664AJ Datasheet HTML 7Page - Sanyo Semicon Device LC321664AJ Datasheet HTML 8Page - Sanyo Semicon Device LC321664AJ Datasheet HTML 9Page - Sanyo Semicon Device LC321664AJ Datasheet HTML 10Page - Sanyo Semicon Device Next Button 

LC321664AJ Product details

Overview
The LC321664AJ, AM, AT is a CMOS dynamic RAM operating on a single 5 V power source and having a 65536-word × 16-bit configuration. Equipped with large capacity capabilities, high-speed transfer rates and low power dissipation, this series is suited for a wide variety of applications ranging from computer main memory and expansion memory to commercial equipment.

Features
• 65536-word × 16-bit configuration
• Single 5 V ±10% power supply
• All input and output (I/O) TTL compatible
• Supports fast page mode, read-modify-write, and byte write.
• Supports output caching control using early write and Output Enable (OE) control.
• 4 ms refresh using 256 refresh cycles
• Supports RAS-only refresh, CAS-before-RAS refresh and hidden refresh.
• Packages SOJ 40-pin (400 mil) plastic package: LC321664AJ SOP 40-pin (525 mil) plastic package: LC321664AM TSOP 44-pin (400 mil) plastic package: LC321664AT
• RAS access time/column address access time/CAS access time/ cycle time/power dissipation




Similar Part No. - LC321664AJ

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC321664BJ SANYO-LC321664BJ Datasheet
583Kb / 28P
   1 MEG (65536 words X 16 bits) DRAM Fast Page Mode, Byte Write?
LC321664BM SANYO-LC321664BM Datasheet
583Kb / 28P
   1 MEG (65536 words X 16 bits) DRAM Fast Page Mode, Byte Write?
LC321664BT-70 SANYO-LC321664BT-70 Datasheet
583Kb / 28P
   1 MEG (65536 words X 16 bits) DRAM Fast Page Mode, Byte Write?
LC321664BT-80 SANYO-LC321664BT-80 Datasheet
583Kb / 28P
   1 MEG (65536 words X 16 bits) DRAM Fast Page Mode, Byte Write?
More results


Similar Description - LC321664AJ

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC321664BJ SANYO-LC321664BJ Datasheet
583Kb / 28P
   1 MEG (65536 words X 16 bits) DRAM Fast Page Mode, Byte Write?
LC321667BJ SANYO-LC321667BJ Datasheet
624Kb / 30P
   1 MEG (65536 words X 16 bits) DRAM EDO Page Mode, Byte Write???
LC322271J SANYO-LC322271J Datasheet
1Mb / 29P
   2 MEG (131072 words X 16 bits) DRAM Fast Page Mode, Byte Write
LC322260J SANYO-LC322260J Datasheet
766Kb / 33P
   2 MEG (131072 words X 16 bits) DRAM Fast Page Mode, Byte Read/Write???
LC32464P SANYO-LC32464P Datasheet
278Kb / 13P
   256K (65536 words X 4 bits) DRAM Fast Page Mode
LC382161T-17 SANYO-LC382161T-17 Datasheet
1Mb / 55P
   2 MEG(65536 words x 16 bits x 2 banks) Synchronous DRAM
logo
Micron Technology
MT4C4005 MICRON-MT4C4005 Datasheet
859Kb / 12P
   1 MEG x 4 DRAM FAST PAGE MODE WRITE-PER-BIT
logo
Austin Semiconductor
MT4C4001J AUSTIN-MT4C4001J Datasheet
251Kb / 20P
   1 MEG x 4 DRAM Fast Page Mode DRAM
MT4C4001J AUSTIN-MT4C4001J_05 Datasheet
1Mb / 21P
   1 MEG x 4 DRAM Fast Page Mode DRAM
MT4C1004J AUSTIN-MT4C1004J Datasheet
121Kb / 14P
   4 MEG x 1 DRAM FAST PAGE MODE
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com