Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC33832P Datasheet (PDF) - Sanyo Semicon Device

LC33832P Datasheet PDF - Sanyo Semicon Device
Part # LC33832P
Download  LC33832P Download

File Size   128.5 Kbytes
Page   9 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 256 K (32768 words X 8 bits) Pseudo-SRAM

LC33832P Datasheet (PDF)

Go To PDF Page Download Datasheet
LC33832P Datasheet PDF - Sanyo Semicon Device

Part # LC33832P
Download  LC33832P Click to download

File Size   128.5 Kbytes
Page   9 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 256 K (32768 words X 8 bits) Pseudo-SRAM

LC33832P Datasheet (HTML) - Sanyo Semicon Device

LC33832P Datasheet HTML 1Page - Sanyo Semicon Device LC33832P Datasheet HTML 2Page - Sanyo Semicon Device LC33832P Datasheet HTML 3Page - Sanyo Semicon Device LC33832P Datasheet HTML 4Page - Sanyo Semicon Device LC33832P Datasheet HTML 5Page - Sanyo Semicon Device LC33832P Datasheet HTML 6Page - Sanyo Semicon Device LC33832P Datasheet HTML 7Page - Sanyo Semicon Device LC33832P Datasheet HTML 8Page - Sanyo Semicon Device LC33832P Datasheet HTML 9Page - Sanyo Semicon Device

LC33832P Product details

Overview

The LC33832 series is composed of pseudo static RAM that operates on a single 5 V power supply and is organized as 32768 words × 8 bits. By using memory cells each composed of a single transistor and capacitor, together with peripheral CMOS circuitry, this series achieves ease of use with high density, high speed, and low power dissipation. The LC33832 series can easily accomplish auto-refresh and self-refresh by means of OE/RFSH input. As with asynchronous static RAM, WE input uses a system for incorporating input data at the WE rise, thereby facilitating interfacing with a microcomputer.



Features

• 32768 words × 8 bits configuration

• Single 5 V ±10% power supply

• All input and output (I/O) TTL compatible

• Fast access times and low power dissipation

• 4 ms refresh using 256 refresh cycle

• CE-only refresh, auto-refresh, and self-refresh

• Low-power version: 100 µA self-refresh current

• Package

   DIP28-pin (600 mil) plastic package: LC33832P, PL

   DIP28-pin (300 mil) plastic package: LC33832S, SL

   SOP28-pin (450 mil) plastic package: LC33832M, ML



 




Similar Part No. - LC33832P

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC338128M SANYO-LC338128M Datasheet
194Kb / 10P
   1MEG (131072 WORDS X 8BITS) PSEUDO-SRAM
LC338128P SANYO-LC338128P Datasheet
194Kb / 10P
   1MEG (131072 WORDS X 8BITS) PSEUDO-SRAM
LC338128PL SANYO-LC338128PL Datasheet
194Kb / 10P
   1MEG (131072 WORDS X 8BITS) PSEUDO-SRAM
LC33864P-80 SANYO-LC33864P-80 Datasheet
192Kb / 10P
   512K (65536 words X 8 bits) Pseudo-SRAM
LC33864PM-10 SANYO-LC33864PM-10 Datasheet
192Kb / 10P
   512K (65536 words X 8 bits) Pseudo-SRAM
More results


Similar Description - LC33832P

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC36256ALL SANYO-LC36256ALL Datasheet
142Kb / 7P
   256 K (32768 words x 8 bits) SRAM?
LC36256AL SANYO-LC36256AL Datasheet
99Kb / 7P
   256 K (32768 words x 8 bits) SRAM
LC331632M-70 SANYO-LC331632M-70 Datasheet
181Kb / 9P
   512K (32768 words X 16 bits) Pseudo-SRAM
LC35256A SANYO-LC35256A Datasheet
181Kb / 8P
   256 K (32768 words X 8 bits) SRAM with OE and CE control Pins
LC35256AM SANYO-LC35256AM Datasheet
174Kb / 7P
   256 K (32768 words X 8 bits) SRAM with OE and CE control Pins?
LC33864P-80 SANYO-LC33864P-80 Datasheet
192Kb / 10P
   512K (65536 words X 8 bits) Pseudo-SRAM
LC35256FT SANYO-LC35256FT Datasheet
60Kb / 7P
   256K (32768 words X 8 bits) SRAM Control Pins: OE and CE
LC36128ML-70 SANYO-LC36128ML-70 Datasheet
130Kb / 7P
   128K(16384 words X 8 bits) SRAM?
LC35256FM SANYO-LC35256FM Datasheet
49Kb / 7P
   256K (32768 words 8 bits) SRAM Control Pins: OE and CE
LC3564S SANYO-LC3564S Datasheet
239Kb / 10P
   64K (8192 words x 8 bits) SRAM?
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com