Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC374100SM Datasheet (PDF) - Sanyo Semicon Device

LC374100SM Datasheet PDF - Sanyo Semicon Device
Part # LC374100SM
Download  LC374100SM Download

File Size   64.91 Kbytes
Page   4 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 4 MEG (524288 words x 8 bits) Mask ROM Internal Clocked Silicon Gate

LC374100SM Datasheet (PDF)

Go To PDF Page Download Datasheet
LC374100SM Datasheet PDF - Sanyo Semicon Device

Part # LC374100SM
Download  LC374100SM Click to download

File Size   64.91 Kbytes
Page   4 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 4 MEG (524288 words x 8 bits) Mask ROM Internal Clocked Silicon Gate

LC374100SM Datasheet (HTML) - Sanyo Semicon Device

LC374100SM Datasheet HTML 1Page - Sanyo Semicon Device LC374100SM Datasheet HTML 2Page - Sanyo Semicon Device LC374100SM Datasheet HTML 3Page - Sanyo Semicon Device LC374100SM Datasheet HTML 4Page - Sanyo Semicon Device

LC374100SM Product details

Overview
The LC374100SM and LC374100ST are 524,288-word × 8-bit organization (4,194,304-bit) mask programmable read only memories. They feature a wide operating voltage range (2.6 to 5.5 V), a 100-ns access time (tCA) at VCC = 4.5 to 5.5 V, and a 200-ns access time at VCC = 2.6 to 3.3 V.

Features
• 524288 words × 8 bits organization
• Power supply voltage range: 2.6 to 5.5 V
• Fast access time(tAA): 120 ns (max.) VCC = 4.5 to 5.5 V
                             (tCA): 100 ns (max.) VCC = 4.5 to 5.5 V
                                        200 ns (max.) VCC = 2.6 to 5.5 V
• Operating current: 55 mA (max.)
• Standby current: 30 µA (max.)
• Full static operation (internal clocked type)
• 3 state outputs
• JEDEC standard pin configuration
• Package type
    LC374100SM: SOP32 (525 mil)
    LC374100ST: TSOP32 (8 mm × 20 mm)




Similar Part No. - LC374100SM

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC374500ST SANYO-LC374500ST Datasheet
46Kb / 4P
   Internal Synchronization Silicon Gate 4M (524288-word x 8-bit) mask ROM Pin Compatible with Flash Memory
logo
Marktech Corporate
LC374TWN1-25G-A1 MARKTECH-LC374TWN1-25G-A1 Datasheet
49Kb / 2P
   Ultra Bright White 3mm LED
LC374TWN1-25H-A1 MARKTECH-LC374TWN1-25H-A1 Datasheet
24Kb / 2P
   Ultra Bright White 3mm LED
logo
Cree, Inc
LC374TWN1-25P-A1 CREE-LC374TWN1-25P-A1 Datasheet
347Kb / 6P
   3-mm Round LED
LC374TWN1-25Q-A1 CREE-LC374TWN1-25Q-A1 Datasheet
354Kb / 6P
   3-mm Round LED
More results


Similar Description - LC374100SM

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC378100QM SANYO-LC378100QM Datasheet
64Kb / 4P
   8 MEG (1048576 words x 8 bits) Mask ROM Internal Clocked Silicon Gate
LC371100SP SANYO-LC371100SP Datasheet
80Kb / 5P
   1 MEG (131072 words x 8 bits) Mask ROM Internal Clocked Silicon Gate
LC372100PP SANYO-LC372100PP Datasheet
79Kb / 5P
   2 MEG (262144 words x 8 bits) Mask ROM Internal Clocked Silicon Gate
LE28F4001M SANYO-LE28F4001M Datasheet
219Kb / 14P
   4 MEG (524288 words x 8 bits) Flash Memory
LC374500ST SANYO-LC374500ST Datasheet
46Kb / 4P
   Internal Synchronization Silicon Gate 4M (524288-word x 8-bit) mask ROM Pin Compatible with Flash Memory
LC361000AMLL SANYO-LC361000AMLL Datasheet
158Kb / 8P
   1 MEG (131072 words X 8 bits) SRAM
logo
Hitachi Semiconductor
HN62334B HITACHI-HN62334B Datasheet
822Kb / 7P
   524288-word x 8-bit CMOS Mask Programmable ROM
logo
Sanyo Semicon Device
LC35W1000BM SANYO-LC35W1000BM Datasheet
165Kb / 9P
   Asynchronous Silicon Gate 1M (131,072 words x 8 bits) SRAM
LC35V1000BM SANYO-LC35V1000BM Datasheet
178Kb / 9P
   Asynchronous Silicon Gate 1M (131,072 words x 8 bits) SRAM
logo
List of Unclassifed Man...
HM23C256A ETC1-HM23C256A Datasheet
74Kb / 1P
   32K x 8 MASK ROM
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com