Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC378100QT Datasheet (PDF) - Sanyo Semicon Device

LC378100QT Datasheet PDF - Sanyo Semicon Device
Part # LC378100QT
Download  LC378100QT Download

File Size   64.72 Kbytes
Page   4 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 8 MEG (1048576 words x 8 bits) Mask ROM Internal Clocked Silicon Gate

LC378100QT Datasheet (PDF)

Go To PDF Page Download Datasheet
LC378100QT Datasheet PDF - Sanyo Semicon Device

Part # LC378100QT
Download  LC378100QT Click to download

File Size   64.72 Kbytes
Page   4 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 8 MEG (1048576 words x 8 bits) Mask ROM Internal Clocked Silicon Gate

LC378100QT Datasheet (HTML) - Sanyo Semicon Device

LC378100QT Datasheet HTML 1Page - Sanyo Semicon Device LC378100QT Datasheet HTML 2Page - Sanyo Semicon Device LC378100QT Datasheet HTML 3Page - Sanyo Semicon Device LC378100QT Datasheet HTML 4Page - Sanyo Semicon Device

LC378100QT Product details

Overview
The LC378100QM and LC378100QT are 1,048,576-word × 8-bit organization (8,388,608-bit) mask programmable read only memories. They feature a wide operating voltage range (2.6 to 5.5 V), a 100-ns access time (tCA) at VCC = 4.5 to 5.5 V, and a 200-ns access time at VCC = 2.6 to 3.3 V. Thus these LSIs can be used in a wide range of systems, from 5-V systems that require high-speed access to 3-V systems that use batteries.
   
Features
• 1048576 words × 8 bits organization
• Supply voltage range: 2.6 to 5.5
• Fast access time(tAA): 120 ns (max.) VCC = 4.5 to 5.5 V
    (tCA): 100 ns (max.) VCC = 4.5 to 5.5 V
    200 ns (max.) VCC = 2.6 to 5.5 V
• Operating current 55 mA (max.)
• Standby current 30 µA (max.)
• Full static operation (internal clocked type)
• 3 state outputs
• JEDEC standard pin configuration
• Package type
    LC378100QM: SOP32 (525 mil)
    LC378100QT: TSOP32 (8 mm × 20 mm)
   




Similar Part No. - LC378100QT

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC378000RP SANYO-LC378000RP Datasheet
53Kb / 4P
   Internally Synchronized Silicon Gate 8M (1,048,576-word x 8-bit, 524,288-word x 16-bit) Mask ROM
More results


Similar Description - LC378100QT

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC374100SM SANYO-LC374100SM Datasheet
64Kb / 4P
   4 MEG (524288 words x 8 bits) Mask ROM Internal Clocked Silicon Gate
LC371100SP SANYO-LC371100SP Datasheet
80Kb / 5P
   1 MEG (131072 words x 8 bits) Mask ROM Internal Clocked Silicon Gate
LC372100PP SANYO-LC372100PP Datasheet
79Kb / 5P
   2 MEG (262144 words x 8 bits) Mask ROM Internal Clocked Silicon Gate
LC361000AMLL SANYO-LC361000AMLL Datasheet
158Kb / 8P
   1 MEG (131072 words X 8 bits) SRAM
LE28F4001M SANYO-LE28F4001M Datasheet
219Kb / 14P
   4 MEG (524288 words x 8 bits) Flash Memory
LC35W1000BM SANYO-LC35W1000BM Datasheet
165Kb / 9P
   Asynchronous Silicon Gate 1M (131,072 words x 8 bits) SRAM
LC35V1000BM SANYO-LC35V1000BM Datasheet
178Kb / 9P
   Asynchronous Silicon Gate 1M (131,072 words x 8 bits) SRAM
logo
List of Unclassifed Man...
HM23C256A ETC1-HM23C256A Datasheet
74Kb / 1P
   32K x 8 MASK ROM
logo
King blillion Electroni...
HF88M02 KB-HF88M02 Datasheet
310Kb / 19P
   256K x 8 bit Mask ROM
HF88M08 KB-HF88M08 Datasheet
308Kb / 19P
   512K x 8 bit Mask ROM
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com