Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXTP19060CG Datasheet (PDF) - Diodes Incorporated

ZXTP19060CG Datasheet PDF - Diodes Incorporated
Part # ZXTP19060CG
Download  ZXTP19060CG Download

File Size   371.37 Kbytes
Page   8 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 60V PNP medium transistor in SOT223

ZXTP19060CG Datasheet (PDF)

Go To PDF Page Download Datasheet
ZXTP19060CG Datasheet PDF - Diodes Incorporated

Part # ZXTP19060CG
Download  ZXTP19060CG Click to download

File Size   371.37 Kbytes
Page   8 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 60V PNP medium transistor in SOT223

ZXTP19060CG Datasheet (HTML) - Diodes Incorporated

ZXTP19060CG Datasheet HTML 1Page - Diodes Incorporated ZXTP19060CG Datasheet HTML 2Page - Diodes Incorporated ZXTP19060CG Datasheet HTML 3Page - Diodes Incorporated ZXTP19060CG Datasheet HTML 4Page - Diodes Incorporated ZXTP19060CG Datasheet HTML 5Page - Diodes Incorporated ZXTP19060CG Datasheet HTML 6Page - Diodes Incorporated ZXTP19060CG Datasheet HTML 7Page - Diodes Incorporated ZXTP19060CG Datasheet HTML 8Page - Diodes Incorporated

ZXTP19060CG Product details

Features
• BVCEO > -60V
• BVECO > -7V
• IC = 5A High Continuous Current
• Low Saturation Voltage VCE(sat) < -80mV @ 1A
• RCE(sat) = 50mΩ
• Complementary PNP Type: ZXTN19060CG
• Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)
• Qualified to AEC-Q101 Standards for High Reliability

Applications
• Motor Drive
• High Side Driver




Similar Part No. - ZXTP19060CG

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXTP19060CG ZETEX-ZXTP19060CG Datasheet
212Kb / 8P
   60V PNP medium transistor
ZXTP19060CGTA ZETEX-ZXTP19060CGTA Datasheet
212Kb / 8P
   60V PNP medium transistor
logo
Diodes Incorporated
ZXTP19060CG DIODES-ZXTP19060CG_15 Datasheet
836Kb / 7P
   60V PNP MEDIUM POWER TRANSISTOR IN SOT223
More results


Similar Description - ZXTP19060CG

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZX5T1951GTA DIODES-ZX5T1951GTA Datasheet
215Kb / 7P
   60V PNP MEDIUM POWER TRANSISTOR IN SOT223
FZT591 DIODES-FZT591_15 Datasheet
462Kb / 7P
   60V PNP MEDIUM POWER TRANSISTOR IN SOT223
ZXTP19060CG DIODES-ZXTP19060CG_15 Datasheet
836Kb / 7P
   60V PNP MEDIUM POWER TRANSISTOR IN SOT223
ZX5T1951G DIODES-ZX5T1951G_15 Datasheet
196Kb / 7P
   60V PNP MEDIUM POWER TRANSISTOR IN SOT223
FZT951 DIODES-FZT951_15 Datasheet
665Kb / 7P
   60V PNP MEDIUM POWER TRANSISTOR IN SOT223
ZX5T1951G DIODES-ZX5T1951G Datasheet
196Kb / 7P
   60V PNP MEDIUM POWER TRANSISTOR IN SOT223
logo
Zetex Semiconductors
ZX5T951G ZETEX-ZX5T951G Datasheet
123Kb / 6P
   60V PNP MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
logo
Diodes Incorporated
ZX5T951G DIODES-ZX5T951G_15 Datasheet
540Kb / 7P
   60V PNP MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
logo
Zetex Semiconductors
ZXTP2012G ZETEX-ZXTP2012G Datasheet
123Kb / 6P
   60V PNP MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
logo
Diodes Incorporated
ZXTP2012G DIODES-ZXTP2012G_15 Datasheet
132Kb / 6P
   60V PNP MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com