Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CP304 Datasheet (PDF) - Central Semiconductor Corp

CP304 Datasheet PDF - Central Semiconductor Corp
Part # CP304
Download  CP304 Download

File Size   476.93 Kbytes
Page   2 Pages
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp
Description Small Signal Transistor NPN - High Current Transistor Chip

CP304 Datasheet (PDF)

Go To PDF Page Download Datasheet
CP304 Datasheet PDF - Central Semiconductor Corp

Part # CP304
Download  CP304 Click to download

File Size   476.93 Kbytes
Page   2 Pages
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp
Description Small Signal Transistor NPN - High Current Transistor Chip

CP304 Datasheet (HTML) - Central Semiconductor Corp

CP304 Datasheet HTML 1Page - Central Semiconductor Corp CP304 Datasheet HTML 2Page - Central Semiconductor Corp

CP304 Product details

PROCESS DETAILS

   Process EPITAXIAL PLANAR
   Die Size 22 x 22 MILS
   Die Thickness 9.0 MILS
   Base Bonding Pad Area 5.7 x 3.9 MILS
   Emitter Bonding Pad Area 5.3 x 3.9 MILS
   Top Side Metalization Al - 30,000Å
   Back Side Metalization Au - 18,000Å




Similar Part No. - CP304

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
CP304 PANJIT-CP304 Datasheet
62Kb / 2P
   SINGLE-PHASE SILICON BRIDGE-P.C. MTG 2A, HEAT-SINK MTG 3A(VOLTAGE - 50 to 1000 Volts CURRENT - 3.0 Amperes)
logo
Transys Electronics
CP304 TRSYS-CP304 Datasheet
123Kb / 2P
   SINGLE-PHASE SILICON BRIDGE-P.C. MTG 2A, HEAT-SINK MTG 3A
logo
Power-One
CP3040-7R POWER-ONE-CP3040-7R Datasheet
72Kb / 5P
   120...195 Watt DC-DC Converters
logo
Schneider Electric
CP30410 SCHNEIDER-CP30410 Datasheet
70Kb / 2P
   BUSWAY PLUG-IN STRAIGHT LENGTH 10FT 400A
logo
CUI INC
CP30444 CUI-CP30444 Datasheet
1Mb / 9P
   PELTIER MODULE
10/18/2019
More results


Similar Description - CP304

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CP305 CENTRAL-CP305_10 Datasheet
476Kb / 2P
   Small Signal Transistor NPN - High Current Transistor Chip
CP305 CENTRAL-CP305 Datasheet
211Kb / 2P
   Small Signal Transistor NPN - High Current Transistor Chip
CP314 CENTRAL-CP314 Datasheet
211Kb / 2P
   Small Signal Transistor NPN - High Current Transistor Chip
CP314 CENTRAL-CP314_08 Datasheet
228Kb / 2P
   Small Signal Transistor NPN - High Current Transistor Chip
CP353V CENTRAL-CP353V Datasheet
71Kb / 1P
   Small Signal Transistors NPN - High Current Transistor Chip
CP353V CENTRAL-CP353V_10 Datasheet
415Kb / 2P
   Small Signal Transistors NPN - High Current Transistor Chip
CP714 CENTRAL-CP714 Datasheet
210Kb / 2P
   Small Signal Transistor PNP - High Current Transistor Chip
CP705 CENTRAL-CP705 Datasheet
211Kb / 2P
   Small Signal Transistor PNP - High Current Transistor Chip
CP705 CENTRAL-CP705_10 Datasheet
476Kb / 2P
   Small Signal Transistor PNP - High Current Transistor Chip
CP720 CENTRAL-CP720 Datasheet
216Kb / 2P
   Small Signal Transistor PNP - High Current Transistor Chip
More results




About Central Semiconductor Corp


Central Semiconductor Corp is a leading provider of discrete semiconductors and passive components.
The company was founded in 1967 and is headquartered in Hauppauge, New York, USA.
Central Semiconductor offers a wide range of products including diodes, rectifiers, transistors, and other discrete semiconductors.
The company is also a provider of passive components such as capacitors and inductors.
Central Semiconductor is known for its high-quality products, competitive prices, and excellent customer service.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com