Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC7958 Datasheet (PDF) - Sanyo Semicon Device

LC7958 Datasheet PDF - Sanyo Semicon Device
Part # LC7958
Download  LC7958 Download

File Size   57.8 Kbytes
Page   11 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 64-Bit LED Driver for 300 dpi Printers

LC7958 Datasheet (PDF)

Go To PDF Page Download Datasheet
LC7958 Datasheet PDF - Sanyo Semicon Device

Part # LC7958
Download  LC7958 Click to download

File Size   57.8 Kbytes
Page   11 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 64-Bit LED Driver for 300 dpi Printers

LC7958 Datasheet (HTML) - Sanyo Semicon Device

Back Button LC7958 Datasheet HTML 1Page - Sanyo Semicon Device LC7958 Datasheet HTML 2Page - Sanyo Semicon Device LC7958 Datasheet HTML 3Page - Sanyo Semicon Device LC7958 Datasheet HTML 4Page - Sanyo Semicon Device LC7958 Datasheet HTML 5Page - Sanyo Semicon Device LC7958 Datasheet HTML 6Page - Sanyo Semicon Device LC7958 Datasheet HTML 7Page - Sanyo Semicon Device LC7958 Datasheet HTML 8Page - Sanyo Semicon Device LC7958 Datasheet HTML 9Page - Sanyo Semicon Device LC7958 Datasheet HTML 10Page - Sanyo Semicon Device Next Button 

LC7958 Product details

Overview
LC7958NC is a 64-bit constant current LED driver IC designed to directly drive LED head array.
The output terminals for LED drive are arranged in 2-row staggered position of 80-µm pitch at one side. It enables drive of LED Array of 300-dpi in one side disposition, 600dpi in both sides disposition.

Features and Functions
• Logic voltage (VDD): +5 V ± 10 %
• LED drive current (IOH): 5.0 mA (TYP)
• Clock frequency (fc): 10 MHz
• Output current control circuit built in
• Mode switching function by the SEL pin
• Chip size:  1.43 mm × 5.39 mm
• Number of pads: 86
• 64-bit shift register circuit
• 64-bit latch  circuit
• Output driver on/off switching function
• Constant current circuit
• 64-bit p-channel open drain LED driver




Similar Part No. - LC7958

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
LC790Z SEOUL-LC790Z Datasheet
390Kb / 12P
   GREEN OVAL LAMP LED
LC791 SEOUL-LC791 Datasheet
376Kb / 14P
   INFRARED LAMP LED
LC791 SEOUL-LC791 Datasheet
360Kb / 13P
   CYAN LAMP LED
LC791 SEOUL-LC791 Datasheet
392Kb / 14P
   RED OVAL LAMP LED
LC791 SEOUL-LC791 Datasheet
392Kb / 14P
   RED OVAL LAMP LED
More results


Similar Description - LC7958

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SC16426 SILAN-SC16426 Datasheet
584Kb / 6P
   64-BIT LED STATIC DRIVER
logo
Rohm
BD64550EFV ROHM-BD64550EFV_1 Datasheet
403Kb / 17P
   System Driver for Ink Jet Printers
logo
Seiko Instruments Inc
S-4611A SII-S-4611A Datasheet
279Kb / 4P
   64-bit THERMAL HEAD DRIVER
S-4620A SII-S-4620A Datasheet
273Kb / 4P
   64-bit THERMAL HEAD DRIVER
S-4630A SII-S-4630A Datasheet
266Kb / 4P
   64-bit THERMAL HEAD DRIVER
logo
NEC
UPD16344 NEC-UPD16344 Datasheet
96Kb / 16P
   64-BIT AC-PDP DRIVER
logo
Seiko Instruments Inc
S-4610A SII-S-4610A Datasheet
284Kb / 4P
   64-bit THERMAL HEAD DRIVER
logo
Integral Corp.
IND16337 INTEGRAL-IND16337 Datasheet
324Kb / 9P
   64-BIT AC-PDP DRIVER
logo
NEC
UPD16337 NEC-UPD16337 Datasheet
102Kb / 16P
   64-BIT AC-PDP DRIVER
logo
Seiko Instruments Inc
S-4640A SII-S-4640A Datasheet
289Kb / 5P
   64-bit THERMAL HEAD DRIVER
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com