Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC7972 Datasheet (PDF) - Sanyo Semicon Device

LC7972 Datasheet PDF - Sanyo Semicon Device
Part # LC7972
Download  LC7972 Download

File Size   65.32 Kbytes
Page   4 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description CMOS Operational Amplifier with Programmable Offset Correction Function

LC7972 Datasheet (PDF)

Go To PDF Page Download Datasheet
LC7972 Datasheet PDF - Sanyo Semicon Device

Part # LC7972
Download  LC7972 Click to download

File Size   65.32 Kbytes
Page   4 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description CMOS Operational Amplifier with Programmable Offset Correction Function

LC7972 Datasheet (HTML) - Sanyo Semicon Device

LC7972 Datasheet HTML 1Page - Sanyo Semicon Device LC7972 Datasheet HTML 2Page - Sanyo Semicon Device LC7972 Datasheet HTML 3Page - Sanyo Semicon Device LC7972 Datasheet HTML 4Page - Sanyo Semicon Device

LC7972 Product details

Overview
The LC7972VA and LC7972VB are dual inverting/noninverting operational amplifier ICs that are fabricated in a CMOS process. These ICs provide a programmable offset correction function and a power saving function for use when the operational amplifier is unused, both of which can be controlled from a microprocessor interface.

Features
• High input impedance provided by fabrication in a
   CMOS process.
• Low power provided by fabrication in a CMOS process.
• One of two types of operational amplifier can be
   selected: inverting (operational amplifier 1) or
   noninverting (operational amplifier 2)
• Operating supply voltage: 4.9 to 5.2 V
• Package: SSOP20
• Operating temperature: Ta = –30 to +70°C
• The following modes are supported. These are selected
   via port level settings.




Similar Part No. - LC7972

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
LC790Z SEOUL-LC790Z Datasheet
390Kb / 12P
   GREEN OVAL LAMP LED
LC791 SEOUL-LC791 Datasheet
376Kb / 14P
   INFRARED LAMP LED
LC791 SEOUL-LC791 Datasheet
360Kb / 13P
   CYAN LAMP LED
LC791 SEOUL-LC791 Datasheet
392Kb / 14P
   RED OVAL LAMP LED
LC791 SEOUL-LC791 Datasheet
392Kb / 14P
   RED OVAL LAMP LED
More results


Similar Description - LC7972

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-TW4 ICHAUS-IC-TW4 Datasheet
304Kb / 14P
   PROGRAMMABLE INTERPOLATOR WITH AUTOMATIC OFFSET CORRECTION
logo
Seiko Instruments Inc
S-19611AB0H-K8T2U SII-S-19611AB0H-K8T2U Datasheet
1Mb / 20P
   LOW INPUT OFFSET VOLTAGE CMOS OPERATIONAL AMPLIFIER
logo
Rohm
LMR1802G-LB ROHM-LMR1802G-LB Datasheet
1Mb / 23P
   Low Noise, Low Input Offset Voltage CMOS Operational Amplifier
logo
STMicroelectronics
TS271 STMICROELECTRONICS-TS271 Datasheet
163Kb / 15P
   CMOS PROGRAMMABLE LOW POWER SINGLE OPERATIONAL AMPLIFIER
TS271 STMICROELECTRONICS-TS271_05 Datasheet
607Kb / 17P
   CMOS Programmable Low Power Single Operational Amplifier
logo
TAITRON Components Inco...
LM358A TAITRON-LM358A Datasheet
634Kb / 10P
   Dual Low Offset Operational Amplifier
logo
Analog Devices
OP07 AD-OP07_15 Datasheet
239Kb / 16P
   Ultralow Offset Voltage Operational Amplifier
logo
List of Unclassifed Man...
AMP771 ETC2-AMP771 Datasheet
65Kb / 2P
   Low Offset RRO Operational Amplifier
logo
Guangdong Youtai Semico...
OP07 UMW-OP07 Datasheet
697Kb / 5P
   Low offset single operational amplifier
logo
Advanced Monolithic Sys...
AMSOP-07 ADMOS-AMSOP-07 Datasheet
66Kb / 6P
   LOW OFFSET VOLTAGE OPERATIONAL AMPLIFIER
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com