Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA4AGSW2_V5 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

MA4AGSW2_V5 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # MA4AGSW2_V5
Download  MA4AGSW2_V5 Download

File Size   111.2 Kbytes
Page   7 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description SPDT AlGaAs PIN Diode Switch

MA4AGSW2_V5 Datasheet (PDF)

Go To PDF Page Download Datasheet
MA4AGSW2_V5 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # MA4AGSW2_V5
Download  MA4AGSW2_V5 Click to download

File Size   111.2 Kbytes
Page   7 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description SPDT AlGaAs PIN Diode Switch

MA4AGSW2_V5 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.

MA4AGSW2_V5 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MA4AGSW2_V5 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MA4AGSW2_V5 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MA4AGSW2_V5 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MA4AGSW2_V5 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MA4AGSW2_V5 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MA4AGSW2_V5 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc.

MA4AGSW2_V5 Product details

DESCRIPTION
The MA4AGSW2 is an Aluminum-Gallium-Arsenide, single pole, double throw (SPDT), PIN diode switch. The switch features enhanced AlGaAs anodes which are formed using M/A-COM Tech’s patented heterojunction technology. This technology produces a switch with less loss than conventional GaAs processes. As much as a 0.3 dB reduction in insertion loss can be realized at 50GHz. These devices are fabricated on an OMCVD epitaxial wafer using a process designed for high device uniformity and extremely low parasitics. The diodes themselves exhibit low series resistance, low capacitance, and fast switching speed. They are fully passivated with silicon nitride and have an additional polymer layer for scratch protection. The protective coating prevents damage to the diode junction and anode air-bridges during handling and assembly. Off chip bias circuitry is required.

FEATURES
• Ultra Broad Bandwidth : 50 MHz to 50 GHz
• Functional Bandwidth : 50 MHz to 70 GHz
• 0.7 dB Insertion Loss
• 33 dB Isolation at 50 GHz
• Low Current consumption
   • -10mA for low loss state
   • +10mA for Isolation state
• M/A-COM Tech’s unique AlGaAs
   hetero-junction anode technology
• Silicon Nitride Passivation
• Polymer Scratch protection
• RoHS Compliant* and 260°C Reflow Compatible

APPLICATIONS
   The high electron mobility of AlGaAs and the low
   capacitance of the PIN diodes makes this switch
   ideal for fast switching, high frequency, multi-throw
   switch designs. These AlGaAs PIN switches are use
   in switching arrays for radar systems, radiometers,
   test equipment and other multi-assembly components.




Similar Part No. - MA4AGSW2_V5

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA4AGSW2 MACOM-MA4AGSW2 Datasheet
233Kb / 6P
   AlGaAs SP2T PIN Diode Switch
logo
M/A-COM Technology Solu...
MA4AGSW2 MA-COM-MA4AGSW2 Datasheet
109Kb / 7P
   SPDT AlGaAs PIN Diode Switch RoHS Compliant
More results


Similar Description - MA4AGSW2_V5

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MA4AGSW2 MA-COM-MA4AGSW2 Datasheet
109Kb / 7P
   SPDT AlGaAs PIN Diode Switch RoHS Compliant
MA4AGSW3 MA-COM-MA4AGSW3 Datasheet
159Kb / 7P
   SP3T AlGaAs PIN Diode Switch
MA4AGSW4 MA-COM-MA4AGSW4_15 Datasheet
711Kb / 8P
   SP4T AlGaAs PIN Diode Switch
MA4AGSW3 MA-COM-MA4AGSW3_15 Datasheet
684Kb / 8P
   SP3T AlGaAs PIN Diode Switch
MA4AGSW3_V7 MA-COM-MA4AGSW3_V7 Datasheet
131Kb / 7P
   SP3T AlGaAs PIN Diode Switch
MA4AGSW8-2 MA-COM-MA4AGSW8-2 Datasheet
123Kb / 6P
   SP8T AlGaAs PIN Diode Switch
logo
Tyco Electronics
MA4AGSW8-2 MACOM-MA4AGSW8-2 Datasheet
155Kb / 7P
   AlGaAs SP8T PIN Diode Switch
logo
M/A-COM Technology Solu...
MA4AGSW5_V5 MA-COM-MA4AGSW5_V5 Datasheet
140Kb / 7P
   SP5T AlGaAs PIN Diode Switch
MA4AGSW4_V4 MA-COM-MA4AGSW4_V4 Datasheet
124Kb / 7P
   SP4T AlGaAs PIN Diode Switch
logo
Tyco Electronics
MA4AGSW3 MACOM-MA4AGSW3 Datasheet
241Kb / 6P
   AlGaAs SP3T PIN Diode Switch
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com